Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA911DJ Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # SIA911DJ
Description  Dual P-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

SIA911DJ Datasheet(HTML) 1 Page - Vaishali Semiconductor

  SIA911DJ Datasheet HTML 1Page - Vaishali Semiconductor SIA911DJ Datasheet HTML 2Page - Vaishali Semiconductor SIA911DJ Datasheet HTML 3Page - Vaishali Semiconductor SIA911DJ Datasheet HTML 4Page - Vaishali Semiconductor SIA911DJ Datasheet HTML 5Page - Vaishali Semiconductor SIA911DJ Datasheet HTML 6Page - Vaishali Semiconductor SIA911DJ Datasheet HTML 7Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
SiA911DJ
New Product
Document Number: 74329
S-62027-Rev. A, 16-Oct-06
www.vishay.com
1
Dual P-Channel 20-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
New Thermally Enhanced PowerPAK®
SC70 Package
- Small Footprint Area
- Low On-Resistance
APPLICATIONS
Load Switch, PA Switch and Battery Switch for Portable
Devices
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)ID (A)
Qg (Typ)
- 20
0.094 at VGS = - 4.5 V
- 4.5a
4.9 nC
0.131 at VGS = - 2.5 V
- 4.5a
0.185 at VGS = - 1.8 V
- 4.5a
Marking Code
X X X
D C X
Lot Traceability
and Date code
Part # code
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
S1
D1
G2
S2
G1
D2
1
6
5
4
2
3
2.05 mm
2.05 mm
PowerPAK SC-70-6 Dual
D1
D2
Ordering Information: SiA911DJ-T1-E3 (Lead (Pb)-free)
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 Board.
c. t = 5 sec.
d. See Solder Profile (http://www.vishay.com/ppg?73257). The PowerPAK SC70 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is
not required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 4.5a
A
TC = 70 °C
- 4.5a
TA = 25 °C
- 3.6b, c
TA = 70 °C
- 2.9b, c
Pulsed Drain Current
IDM
- 8
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 4.5a
TA = 25 °C
- 1.6b, c
Maximum Power Dissipation
TC = 25 °C
PD
6.5
W
TC = 70 °C
5
TA = 25 °C
1.9b, c
TA = 70 °C
1.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 5 sec
RthJA
52
65
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
12.5
16
RoHS
COMPLIANT


Similar Part No. - SIA911DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA911DJ VISHAY-SIA911DJ Datasheet
114Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 03-Mar-08
SIA911DJ VISHAY-SIA911DJ Datasheet
113Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
01-Jan-2022
SIA911DJ VISHAY-SIA911DJ_V01 Datasheet
113Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA911DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com