Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV72W8-32AWL Datasheet(PDF) 1 Page - ITT Industries

Part # PV72W8-32AWL
Description  Series 2 Connectors PV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PV72W8-32AWL Datasheet(HTML) 1 Page - ITT Industries

  PV72W8-32AWL Datasheet HTML 1Page - ITT Industries PV72W8-32AWL Datasheet HTML 2Page - ITT Industries PV72W8-32AWL Datasheet HTML 3Page - ITT Industries PV72W8-32AWL Datasheet HTML 4Page - ITT Industries PV72W8-32AWL Datasheet HTML 5Page - ITT Industries PV72W8-32AWL Datasheet HTML 6Page - ITT Industries PV72W8-32AWL Datasheet HTML 7Page - ITT Industries PV72W8-32AWL Datasheet HTML 8Page - ITT Industries PV72W8-32AWL Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.ittcannon.com
157
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482, Series 2 Connectors
PV
Military Specification Cross Reference
PV7 and MIL-C-26482
(Series 2) Replacement for
MIL-C-26482 (Series 1)
MS3110,MS3120
MS3111,MS3121
MS3112,MS3122
MS3114,MS3124
MS3116,MS3126
MS3470
MS3471
MS3470
MS3474
MS3476
MS3472
MS3475
PV70
PV71
PV70
PV74
PV76
PV72
PV75
/1
/7
/1
/5
/13
/3
/43
/1
/3
/5
/13
/2
/8
/12
/6
/14
/4
/42
Narrow Flange Receptacle
Cable Connecting Receptacle
Narrow Flange Receptacle
Jam Nut Receptacle
Straight Plug
Wide Flange Receptacle
Straight Plug, RFI Shielded
Narrow Flange Receptacle
Wide Flange Receptacle
Jam Nut Receptacle
Straight Plug
/2
/4
/6
/14
MS3470
MS3472
MS3474
MS3476
NAS1650,NAS1699
NAS1651,NAS1700
NAS1652,NAS1701
NAS1653,NAS1702
*NOTE: M83723 series has been superseded by MIL-C-26482 Series 2.
MIL-C-26482
Socket
Pin
NAS1599
MIL-C-83723*
Slash Sheet
ITT Cannon Prefix
Commercial
Design
MS Standards
Description
• Intermatable with MIL-C-26482 Series I
• Operating termperature - 55˚C to + 200˚C
The PV connector is designed to meet the rugged
requirements of MIL-C-26482, Series 2/MIL-C-83723
Series
I*,
the
specification
which
delineates
the critical requirements of space-age applications. PV
connectors have been used extensively on major
aerospace
programs
requiring
general-purpose,
miniature cylindrical bayonet coupling connectors
such as Space Shuttle, Apollo, ATM, OWS Min-
uteman, Skylab, Thor-Delta, Titan IIIC, and Viking.
The PV series is an important member of the
Universal Interconnect System (UIS) - the only
system that can perform all interconnection mis-
sions. This system is adaptable for use with connec-
tors of all shapes and sizes, including circular and
rectangular configurations. standard, miniature and
subminiature sizes. UIS is a rear servicing system
that evolved from the LITTLE CAESAR® rear re-
lease contact retention assembly, pioneered and
developed
by
ITT
Cannon.
Since
this
time,
ITT Cannon, and its licensees, have supplied to
industry over 250 million interconnections utilizing
this system.
PV7 connectors are available under numerous in-
dustrial specifications, some of which are listed
below:
• CS512089 Jet Propulsion Laboratory
• 40M39569 NASA, George C. Marshall Space
Flight Center
• 81D52 Martin Marietta, Denver Division
• MG414-0365 Rockwell International Space
Division
• AC414-0013 Rockwell International Autonetics
Division
• STS0003 McDonnell Douglas Astronautics
This connector series is manufactured to accommo-
date
the
following
backshells:
M85049/31
(MS3416),
M85049/51
(MS3418)
and
M85049/
52 (MS3417). Backshells are not included with
connector and must be ordered separately. Back-
shells on page 161 are Non-MS type.
Universal Insertion / Extraction Tool Style - A
single,expendable plastic tool is used for insertion and
extraction of both pins and sockets.
Simple, Strong Contact Design - One basic config-
uration eliminates undercuts and maximizes bend re-
sistance for positive contact mating.
Closed-Entry Socket Insert - Hard dielectric socket
face of mating connector has lead-in chamfers for
positive alignment of pins and sockets.
Interfacial Pin Insert Seal - Universal interconnect
permits design of raised moisture barriers around each
pin which mate into lead-in chambers of hard face
sockets insert for individual contact sealing. Interfacial
sealing is never touched by service tools.
Superior Contact Stability - Rear Contact Release
System (LITTLE CAESAR contact assembly) features a
stamped metal retaining clip captivated by molded-in
shoulders of each contact cavity in the insulator. A
rear-inserted plastic tool expands the tines beyond the
contact shoulder, releasing the contact.
Polarized Backshells - Interlocking teeth on the front of the
backshell
and
rear
portion
of
the
shell
allow
endbells to be positioned as desired, eliminating chaf-
ing of wire during assembly.
3
2
4
1


Similar Part No. - PV72W8-32AWL

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV7 E-SWITCH-PV7 Datasheet
138Kb / 1P
   Vandal and Water Resistant, TEMPERATURE: -20째C to 70째C, CONTACT RESISTANCE: 50mOHM Max.
logo
List of Unclassifed Man...
PV700HF ETC2-PV700HF Datasheet
515Kb / 4P
   PowerVerter짰 700W Ultra-Compact Inverter with 3 Outlets
PV75K3225 ETC2-PV75K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
PV75K3225 ETC2-PV75K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Stackpole Electronics, ...
PV75K3225 SEI-PV75K3225 Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
More results

Similar Description - PV72W8-32AWL

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1351340000 WEIDMULLER-1351340000 Datasheet
386Kb / 5P
   VPU II 2 PV 600V DC
1351370000 WEIDMULLER-1351370000 Datasheet
390Kb / 5P
   VPU II 2 R PV 600V DC
logo
ZHEJIANG HUAJING RECTIF...
HMD90A HUAJING-HMD90A Datasheet
256Kb / 3P
   PV diode module
HMD160A HUAJING-HMD160A Datasheet
282Kb / 4P
   PV diode module
HMD350A HUAJING-HMD350A Datasheet
291Kb / 4P
   PV diode module
HMDK25A HUAJING-HMDK25A Datasheet
258Kb / 3P
   PV diode module
logo
PHOENIX CONTACT
3031526 PHOENIX-3031526 Datasheet
170Kb / 5P
   STTB 1,5-PV
3044733 PHOENIX-3044733 Datasheet
148Kb / 6P
   UTTB 4-PV
2791388 PHOENIX-2791388 Datasheet
96Kb / 5P
   UKK 5-PV
3211825 PHOENIX-3211825 Datasheet
127Kb / 6P
   PITTB 4-PV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com