Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV76L8-32AWL Datasheet(PDF) 4 Page - ITT Industries

Part # PV76L8-32AWL
Description  Series 2 Connectors PV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PV76L8-32AWL Datasheet(HTML) 4 Page - ITT Industries

  PV76L8-32AWL Datasheet HTML 1Page - ITT Industries PV76L8-32AWL Datasheet HTML 2Page - ITT Industries PV76L8-32AWL Datasheet HTML 3Page - ITT Industries PV76L8-32AWL Datasheet HTML 4Page - ITT Industries PV76L8-32AWL Datasheet HTML 5Page - ITT Industries PV76L8-32AWL Datasheet HTML 6Page - ITT Industries PV76L8-32AWL Datasheet HTML 7Page - ITT Industries PV76L8-32AWL Datasheet HTML 8Page - ITT Industries PV76L8-32AWL Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.ittcannon.com
160
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482, Series 2 Connectors
PV
Wide Flange Receptacle
MS3472
PV72
Shell
Size*
10
12
14
16
18
20
22
24
.591 (15.01)
.751 (19.08)
.876 (22.25)
1.001 (25.43)
1.126 (28.60)
1.251 (31.78)
1.376 (34.95)
1.501 (38.13)
.493 (12.52)
.493 (12.52)
.493 (12.52)
.493 (12.52)
.493 (12.52)
.587 (14.91)
.587 (14.91)
.620 (15.75)
1.215 (30.85)
1.215 (30.85)
1.215 (30.85)
1.215 (30.85)
1.215 (30.85)
1.275 (32.40)
1.275 (32.40)
1.275 (32.40)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.110 (1.98)
.110 (1.98)
.110 (1.98)
.812 (20.62)
.938 (23.83)
1.031 (26.19)
1.125 (28.58)
1.203 (30.56)
1.297 (32.94)
1.375 (34.93)
1.500 (38.10)
1.141 (28.98)
1.266 (32.16)
1.360 (34.54)
1.453 (36.91)
1.532 (38.91)
1.688 (42.88)
1.766 (44.86)
1.891 (48.03)
5/8-24
3/4-20
7/8-20
1-20
1-1/16-18
1-3/16-18
1-5/16-18
1-7/16-18
Shell
Size*
V
Max.
A
Max.
B
Max.
F
Max.
G
Max.
H
Max.
POLARIZING
GROOVE
POLARIZING
GROOVE
Q
(TYP)
H (TP)
.140 RAD.
MAX.
4 HOLES .150 +
_ .005
(3.81 +
_ 0.13mm)
DIA.
B
A
DIA.
P THD.
G
F
.130/.190
(3.30/4.83)
V
A
W
F
DIA.
G
H
B
GG
L THD.
.130/.190
(3.30/4.83)
GG
Panel
Thickness
W
Dia.
Max.
L Thread
UNEF
Class 2
8
10
12
14
16
18
20
22
24
Shell
Size*
Receptacle Assembly With Backshell†
* See page 158 for part numbers. † To order backshell assemblies separately, see page 161.
BBs
Max.
Fs
Max.
BBR
Max.
BBC REF.
TYPE C
TYPE S
TYPE R
Backshell Assemblies not supplied with MS connectors.
Performance Specifications - Page 158
Contacts, Sealing Pluts, Assembly Tools - Pages
163, 165
Contact Arrangments - Page 162
BBS REF.
BBR REF.
GR
REF.
HR
FS
GR
Max.
HR
Max.
TYPE C
BBc
Max.
TYPE S
TYPE R
10
12
14
16
18
20
22
24
1.492 (37.90)
1.492 (37.90)
1.492 (37.90)
1.492 (37.90)
1.492 (37.90)
1.552 (39.42)
1.552 (39.42)
1.552 (39.42)
.954 (24.23)
1.078 (27.38)
1.266 (32.16)
1.391 (35.33)
1.516 (38.51)
1.641 (41.68)
1.828 (46.43)
1.954 (49.63)
2.078 (52.78)
.767 (19.48)
.892 (22.66)
1.079 (27.41)
1.205 (30.61)
1.329 (33.76)
1.455 (36.96)
1.579 (40.11)
1.705 (40.11)
1.829 (46.46)
.113 (2.87)
.113 (2.87)
.113 (2.87)
.113 (2.87)
.113 (2.87)
.113 (2.87)
.148 (3.76)
.148 (3.76)
.148 (3.76)
.474 (12.04)
.591 (15.01)
.751 (19.08)
.876 (22.25)
1.001 (25.43)
1.126 (28.60)
1.251 (31.78)
1.376 (34.95)
1.501 (38.13)
.707 (17.96)
.707 (17.96)
.707 (17.96)
.707 (17.96)
.707 (17.96)
.707 (17.96)
.772 (19.61)
.772 (19.61)
.772 (19.61)
.187/.062 (4.75/1.57)
.187/.062 (4.75/1.57)
.187/.062 (4.75/1.57)
.187/.062 (4.75/1.57)
.187/.062 (4.75/1.57)
.187/.062 (4.75/1.57)
.250/.062 (6.35/1.57)
.250/.062 (6.35/1.57)
.219/.062 (5.56/1.57)
1.215 (30.86)
1.215 (30.85)
1.215 (30.85)
1.215 (30.85)
1.215 (30.85)
1.215 (30.85)
1.275 (32.40)
1.275 (32.40)
1.275 (32.40)
1.078 (27.38)
1.203 (30.56)
1.391 (35.33)
1.516 (38.51)
1.641 (41.68)
1.766 (44.86)
1.954 (49.63)
2.078 (52.78)
2.203 (55.96)
1/2-20
5/8-24
3/4-20
7/8-20
1-20
1-1/16-18
1-3/16-18
1-5/16-18
1-7/16-18
1.842 (46.79)
1.842 (46.79)
2.077 (52.76)
2.077 (52.76)
2.077 (52.76)
2.137 (54.28)
2.137 (54.28)
2.137 (54.28)
.286 (7.26)
.416 (10.57)
.476 (12.09)
.626 (15.90)
.706 (17.93)
.831 (21.11)
.956 (24.28)
1.081 (27.46)
2.115 (53.72)
2.250 (57.15)
2.340 (59.44)
2.475 (62.87)
2.574 (65.38)
2.767 (70.28)
2.890 (73.41)
3.012 (76.50)
.880 (22.35)
.950 (24.13)
1.010 (25.65)
1.070 (27.18)
1.130 (28.70)
1.190 (30.23)
1.260 (32.00)
1.320 (33.53)
.286 (7.26)
.416 (10.57)
.476 (12.09)
.626 (15.90)
.706 (17.93)
.831 (21.11)
.956 (24.28)
1.081 (27.46)
A
Max.
B
Max.
F
Max.
G
Max.
H
Max.
Q
Max.
P Thread
UNEF
Class A
Jam Nut Receptacle
MS3474
PV74


Similar Part No. - PV76L8-32AWL

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PV76L16-26P ITT-PV76L16-26P Datasheet
539Kb / 10P
   MIL-C-26482, Series 2 Connectors
More results

Similar Description - PV76L8-32AWL

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1351340000 WEIDMULLER-1351340000 Datasheet
386Kb / 5P
   VPU II 2 PV 600V DC
1351370000 WEIDMULLER-1351370000 Datasheet
390Kb / 5P
   VPU II 2 R PV 600V DC
logo
ZHEJIANG HUAJING RECTIF...
HMD90A HUAJING-HMD90A Datasheet
256Kb / 3P
   PV diode module
HMD160A HUAJING-HMD160A Datasheet
282Kb / 4P
   PV diode module
HMD350A HUAJING-HMD350A Datasheet
291Kb / 4P
   PV diode module
HMDK25A HUAJING-HMDK25A Datasheet
258Kb / 3P
   PV diode module
logo
PHOENIX CONTACT
3031526 PHOENIX-3031526 Datasheet
170Kb / 5P
   STTB 1,5-PV
3044733 PHOENIX-3044733 Datasheet
148Kb / 6P
   UTTB 4-PV
2791388 PHOENIX-2791388 Datasheet
96Kb / 5P
   UKK 5-PV
3211825 PHOENIX-3211825 Datasheet
127Kb / 6P
   PITTB 4-PV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com