Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2PP3220AIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2PP3220AIT
Description  Dual 1:10 Differential Clock / Data Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2PP3220AIT Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2PP3220AIT Datasheet HTML 1Page - Cypress Semiconductor CY2PP3220AIT Datasheet HTML 2Page - Cypress Semiconductor CY2PP3220AIT Datasheet HTML 3Page - Cypress Semiconductor CY2PP3220AIT Datasheet HTML 4Page - Cypress Semiconductor CY2PP3220AIT Datasheet HTML 5Page - Cypress Semiconductor CY2PP3220AIT Datasheet HTML 6Page - Cypress Semiconductor CY2PP3220AIT Datasheet HTML 7Page - Cypress Semiconductor CY2PP3220AIT Datasheet HTML 8Page - Cypress Semiconductor CY2PP3220AIT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FastEdge™ Series
CY2PP3220
Document #: 38-07513 Rev.*C
Page 7 of 9
Figure 8. Termination for LVPECL to HTSL interface for VCC=2.5V would use X=50 Ohms, Y=2300 Ohms, and Z=1000
Ohms. See application note titled, “PECL Translation, SAW Oscillators, and Specs” for other signalling standards and
supplies.
VCC
VDD-2
Y
X
Z
One output is shown for clarity
Ordering Information
Part Number
Package Type
Product Flow
CY2PP3220AI
52-pin TQFP
Industrial, –40
° to 85°C
CY2PP3220AIT
52-pin TQFP – Tape and Reel
Industrial, –40
° to 85°C


Similar Part No. - CY2PP3220AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
CY2PP3210AI CYPRESS-CY2PP3210AI Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
CY2PP3210AIT CYPRESS-CY2PP3210AIT Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
CY2PP326 CYPRESS-CY2PP326 Datasheet
305Kb / 9P
   2 x 2 Clock and Data Switch Buffer
CY2PP326AI CYPRESS-CY2PP326AI Datasheet
305Kb / 9P
   2 x 2 Clock and Data Switch Buffer
More results

Similar Description - CY2PP3220AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
CY2DP3110 CYPRESS-CY2DP3110 Datasheet
279Kb / 9P
   1 of 2:10 Differential Clock/Data Fanout Buffer
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
   1 of 2:4 Differential Clock/Data Fanout Buffer
logo
Freescale Semiconductor...
MC100ES6220 FREESCALE-MC100ES6220 Datasheet
296Kb / 12P
   Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
   1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com