Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBP12-202B02-C-F-G Datasheet(PDF) 1 Page - ITT Industries

Part # RBP12-202B02-C-F-G
Description  1-6 Pole Miniature Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RBP12-202B02-C-F-G Datasheet(HTML) 1 Page - ITT Industries

  RBP12-202B02-C-F-G Datasheet HTML 1Page - ITT Industries RBP12-202B02-C-F-G Datasheet HTML 2Page - ITT Industries RBP12-202B02-C-F-G Datasheet HTML 3Page - ITT Industries RBP12-202B02-C-F-G Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L–18
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K RBP12 Series
1-6 Pole Miniature Rotary Switches
L
Features/Benefits
Rotary switch for low current
Shaft perpendicular to PCB
Index mechanism included in
thickness of switch
Several actuation modes
Low profile
Typical Applications
Medical
Instrumentation
Appliances
NOTE: For the latest information regarding RoHS compliance,
please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches
with standard options. For informationon specific and custom
switches, consult Customer Service Center.
Mechanical Data
Max. number of banks
1
Operating torque
2.5 Ncm ± 25% (1 pole)
Stop strength
> 40 Ncm
End stop
With/without or mobile
Contact material
Silver, Gold
Insulating material
Thermoplastic
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages L-19 thru L-21. For additional options not shown in catalog, consult Customer Service Center.
Designation
RBP12
Switch Function
112S
SP, 30° Index, 12 pos. no stop
103B03 SP, 30° Index, 3 pos.
105B05 SP, 30° Index, 5 pos.
107B07 SP, 30° Index, 7 pos.
108B08 SP, 30° Index, 8 pos.
110B10 SP, 30° Index, 10 pos.
112B12 SP, 30° Index, 12 pos.
206S
DP, 30° Index, 6 pos. no stop
202B02 DP, 30° Index, 2 pos.
203B03 DP, 30° Index, 3 pos.
205B05 DP, 30° Index, 5 pos.
304B04 3P, 30° Index, 4 pos.
403B03 4P, 30° Index, 3 pos.
602B02 6P, 30° Index, 2 pos.
Contact Material
S Silver
G Gold
Actuator
F
Screwdriver slot*
AD Plastic shaft, <20mm (.787)*
S
Plastic shaft, 6mm (.236)*
M
Thumbwheel
Switching Mode
N Non-shorting BBM (break-before-make)
C Shorting, MBB (make-before-break)
Option
(NONE)
P Lateral PCB adaptation
*Option: Metallic shaft available by request
Electrical Data
Silver (S)
Gold (G)
Switching mode
MBB-BBM
MBB-BBM
Make Before Break, Break Before Make
Max. switching power
5 VA (resistive)
0.5 VA (resistive)
Max. switching current
130 mA
20 mA
Max. carrying current
3 A
3 A
Contact resistance
< 15 m ohms
< 25 m ohms
Dielectric strength
between contacts 1000 V
1000 V
at 50 Hz
or contacts and ground
1000 V
1000 V
Nominal voltage
150 V rms
150 V rms
Number of operations
15 ,000
20 ,000
Insulation resistance between contacts
> 5 x 109 ohms
> 5 x 109 ohms
and contacts and frame (500 Vcc)
Environmental data
Storage temperature
– 25°C to + 70°C
– 25°C to + 85°C
Salt spray
NA
48 H
Further data
Solderability
Hand:
Wave:
350°C/5 s
260°C/5 s max.
Cleaning
Cleaning of modules prohibited


Similar Part No. - RBP12-202B02-C-F-G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RBP-130 MINI-RBP-130 Datasheet
324Kb / 1P
   Bandpass Filter
RBP-130++ MINI-RBP-130+ Datasheet
324Kb / 1P
   Bandpass Filter
RBP-135 MINI-RBP-135 Datasheet
331Kb / 1P
   Bandpass Filter
RBP-135++ MINI-RBP-135+ Datasheet
331Kb / 1P
   Bandpass Filter
RBP-140 MINI-RBP-140 Datasheet
579Kb / 3P
   Bandpass Filter
More results

Similar Description - RBP12-202B02-C-F-G

ManufacturerPart #DatasheetDescription
logo
C&K Components
A12515RNCQ CK-COMPONENTS-A12515RNCQ Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
logo
ITT Industries
A10015RNZQ ITT-A10015RNZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
logo
C&K Components
A10415RNCQ CK-COMPONENTS-A10415RNCQ Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A10015RNZQE CK-COMPONENTS-A10015RNZQE Datasheet
272Kb / 5P
   1-4 Pole Rotary Switches
A CK-COMPONENTS-A Datasheet
581Kb / 5P
   1-4 Pole Rotary Switches
2021
RTBV CK-COMPONENTS-RTBV Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
ITT Industries
RTBH ITT-RTBH Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV ITT-RTBV Datasheet
409Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
C&K Components
RTBH CK-COMPONENTS-RTBH Datasheet
320Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
Copal Electronics
MR-STEP30 COPAL-MR-STEP30 Datasheet
574Kb / 3P
   Miniature Rotary Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com