Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3300-2 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3300-2
Description  3V 900MHz LINEAR AMPLIFIER MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3300-2 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3300-2 Datasheet HTML 1Page - RF Micro Devices RF3300-2 Datasheet HTML 2Page - RF Micro Devices RF3300-2 Datasheet HTML 3Page - RF Micro Devices RF3300-2 Datasheet HTML 4Page - RF Micro Devices RF3300-2 Datasheet HTML 5Page - RF Micro Devices RF3300-2 Datasheet HTML 6Page - RF Micro Devices RF3300-2 Datasheet HTML 7Page - RF Micro Devices RF3300-2 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2-541
RF3300-2
Rev A6 030124
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
FM Mode
Typical Performance at VCC=3.2V,
PA_ON=High, TAMB=25°C,
Frequency=824MHz to 849MHz
(unless otherwise specified)
Frequency Range
824
849
MHz
Gain
27
dB
Second Harmonic
-40
dBc
Third Harmonic
-40
dBc
Max CW Output Power
31.5
dBm
Total Efficiency (AMPS mode)
48
%
VCC=3.2V,
POUT=31.5dBm (room temperature)
Input VSWR
1.8:1
Output VSWR
10:1
No damage.
6:1
No oscillations. >-70dBc
DC Supply
Supply Voltage Range
3.2
3.7
4.2
V
Quiescent Current
100
120
mA
VMODE=Low
55
70
mA
VMODE=High
PA_ON Current
0.1
µAV
MODE =High
VMODE Current
0.1
µA
Turn On/Off Time
<40
µs
PA_ON switch from Low to High,
ICC to within 90% of the final value,
POUT within 1dB of the final value
Total Current (Power Down)
35
60
µAPA_ON=Low, V
MODE =Low
PA_ON “Low” Voltage Range
0
0.5
V
PA_ON “High” Voltage Range
1.7
2.7
3.6
V
Must not exceed VCC.
VMODE “Low” Voltage Range
0
0.5
V
VMODE “High” Voltage Range
1.7
2.7
3.6
V
Must not exceed VCC.
Gain Settle Time
6
µs
PA_ON switched from low to high,
POUT within 1dB of the final value.
6
µs
PA_ON switched from high to low,
POUT within 1dB of the final value.
Internal Power Detector
PDET Output Voltage
1.8
V
POUT=28dBm, VMODE=Low, CDMA Mode
1V
POUT=16dBm, VMODE=High, CDMA Mode
2.1
V
POUT=31.5dBm, VMODE=Low, FM Mode


Similar Part No. - RF3300-2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3300-3 RFMD-RF3300-3 Datasheet
74Kb / 6P
   3V 1900MHz LINEAR AMPLIFIER MODULE
RF3300-3PCBA RFMD-RF3300-3PCBA Datasheet
74Kb / 6P
   3V 1900MHz LINEAR AMPLIFIER MODULE
More results

Similar Description - RF3300-2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163_1 Datasheet
216Kb / 10P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163 Datasheet
89Kb / 10P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_06 Datasheet
60Kb / 6P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
   3V 900MHZ LINEAR AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com