Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF.F180 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF.F180
Description  FAST THYRISTOR/ DIODE and MAGN-A-pak Power Modules THYRISTOR/ THYRISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF.F180 Datasheet(HTML) 6 Page - International Rectifier

  IRF.F180 Datasheet HTML 1Page - International Rectifier IRF.F180 Datasheet HTML 2Page - International Rectifier IRF.F180 Datasheet HTML 3Page - International Rectifier IRF.F180 Datasheet HTML 4Page - International Rectifier IRF.F180 Datasheet HTML 5Page - International Rectifier IRF.F180 Datasheet HTML 6Page - International Rectifier IRF.F180 Datasheet HTML 7Page - International Rectifier IRF.F180 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRK.F180.. Series
6
Bulletin I27100 rev. C 03/01
www.irf.com
Fig. 3 - On-state Power Loss Characteristics
Fig. 4 - On-state Power Loss Characteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-state Voltage Drop Characteristics
Fig. 8 - Thermal Impedance Z
thJC Characteristics
0
50
100
150
200
250
300
350
0
20
40
60
80 100 120 140 160 180
RM S Lim it
Cond uc tio n An g le
A ve ra g e O n -sta te C urre n t (A)
180
120
90
60
30
IRK.F1 80 .. Series
Per Ju n ctio n
T
= 1 25 C
J
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
300
DC
180
120
90
60
30
RM S Lim it
Cond u c tion Pe riod
A verag e O n -sta te C urre n t (A )
IRK.F18 0.. Series
Per Junctio n
T
= 12 5 C
J
3000
3500
4000
4500
5000
5500
6000
6500
1
10
100
Nu m b er O f E q u a l Am plitu d e Half C yc le C u r re nt Pu lse s (N )
IRK.F18 0.. S eries
Pe r Jun ctio n
In itial T = 125 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
A t Any Ra te d Loa d C o nd itio n And W ith
Ra te d V
A p p lie d Fo llo w ing Surg e .
RRM
J
2500
3000
3500
4000
4500
5000
5500
6000
6500
7000
7500
0.01
0.1
1
Pu ls e Train D ura tion (s)
M a ximum No n Rep etitiv e Surg e C urrent
V ers us P ulse Tra in D ura tio n . C ontro l
O f C o nd uction May Not Be Mainta ined .
IRK.F180.. Series
Pe r Jun ctio n
In itial T = 125 C
N o Vo ltag e R e ap plie d
Ra te d V
R e a pp lie d
RR M
J
100
1000
10000
12
3
4
5
6
7
T = 25 C
J
In sta n ta n e o us O n -sta te V olta g e (V )
T = 12 5 C
J
IR K.F1 80.. Series
Per Ju n ctio n
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
Sq u are W a ve Pulse D ura tio n (s)
IRK.F180 .. Series
Per Junctio n
Ste a dy Sta te V a lue :
R
= 0.125 K /W
(D C O p e ratio n )
thJ C


Similar Part No. - IRF.F180

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF VISHAY-IRF Datasheet
74Kb / 3P
   Inductors Epoxy Conformal Coated Uniform Roll Coated
Revision: 07-Aug-07
IRF-1 VISHAY-IRF-1 Datasheet
74Kb / 3P
   Inductors Epoxy Conformal Coated Uniform Roll Coated
Revision: 07-Aug-07
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-24 VISHAY-IRF-24 Datasheet
71Kb / 2P
   Inductors
Revision: 14-Jan-08
IRF-24 VISHAY-IRF-24 Datasheet
71Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 04-Mar-14
More results

Similar Description - IRF.F180

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF180 IRF-IRKTF180 Datasheet
230Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR (MAGN-A-pak Power Modules)
logo
Vishay Siliconix
VSK.F180P VISHAY-VSK.F180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor(MAGN-A-PAK Power Modules), 180 A
Revision: 19-Jul-10
VSKF180P VISHAY-VSKF180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 180 A
11-Mar-11
VSKTF200-12HKP VISHAY-VSKTF200-12HKP_10 Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSK.F200P VISHAY-VSK.F200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSKF200P VISHAY-VSKF200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
11-Mar-11
logo
Nell Semiconductor Co.,...
NKT250 NELLSEMI-NKT250 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 250A( MAGN-A-PAK Power Modules)
NKT330 NELLSEMI-NKT330 Datasheet
2Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 330A( MAGN-A-PAK Power Modules)
NKT350 NELLSEMI-NKT350 Datasheet
2Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 350A( MAGN-A-PAK Power Modules)
NKT500 NELLSEMI-NKT500 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 500A(SUPER MAGN-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com