Electronic Components Datasheet Search |
|
PV72A10-32SWL Datasheet(PDF) 8 Page - ITT Industries |
|
PV72A10-32SWL Datasheet(HTML) 8 Page - ITT Industries |
8 / 10 page www.ittcannon.com 164 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-26482, Series 2 Connectors PV Panel Cutouts Panel Thickness Dummy Stowage Receptacles Jam Nut Receptacle Shell Size 10 12 14 16 18 20 22 24 8 10 12 14 16 18 20 22 24 .474 (12.04) .591 (15.01) .751 (19.08) .876 (22.25) 1.001 (25.43) 1.126 (28.60) 1.251 (31.78) 1.376 (34.95) 1.501 (38.13) .594 (15.09) .719 (18.26) .812 (20.62) .906 (23.01) .969 (24.61) 1.062 (26.97) 1.156 (29.36) 1.250 (31.75) 1.375 (34.92) .828 (21.03) .954 (24.23) 1.047 (26.59) 1.141 (28.98) 1.234 (31.34) 1.328 (33.73) 1.453 (36.91) 1.578 (40.08) 1.703 (43.26) .125 (3.18) .125 (3.18) .125 (3.18) .125 (3.18) .125 (3.18) .125 (3.18) .125 (3.16) .125 (3.18) .152 (3.86) .493 (12.52) .493 (12.52) .493 (12.52) .493 (12.52) .493 (12.52) .493 (12.52) .587 (14.91) .587 (14.91) .620 (15.75) .078 (1.98) .078 (1.98) .078 (1.98) .078 (1.98) .078 (1.98) .078 (1.98) .110 (2.79) .110 (2.79) .110 (2.79) 8 10 12 14 16 18 20 22 24 .661 (16.79) .824 (20.93) .948 (24.08) 1.072 (27.23) 1.197 (30.40) 1.322 (33.58) 1.447 (36.75) 1.572 (39.93) Shown here are the maximum panel thickness including screw head height allowable to ensure complete connector operation. .125 (3.18) Max. (backshell clearance for front mount) .087 (2.21mm) maximum for shell size 10 thru 18 (rear mount) .212 (5.38mm maximum for shell size 20 thru 24 (rear mount) .125 (3.18) Max. (backshell clearance for front mount) .118 (3.00mm) maximum for shell size 10 thru 18 (rear mount) .212 (5.38mm maximum for shell size 20 thru 24 (rear mount) .697 (17.70) .895 (22.73) 1.010 (25.65) 1.135 (28.33) 1.260 (32.00) 1.385 (35.18) 1.510 (38.35) 1.635 (41.53) .620 (15.75) .740 (18.80) .864 (21.95) .990 (25.15) 1.118 (28.40) 1.240 (31.50) 1.366 (34.70) 1.490 (37.85) 1.616 (41.05) .594 (18.26) .719 (18.26) .812 (20.62) .906 (23.01) .969 (24.61) 1.062 (26.97) 1.156 (29.36) 1.250 (31.75) 1.375 (34.92) .125 (3.14) .125 (3.17) .125 (3.17) .125 (3.17) .125 (3.17) .125 (3.17) .125 (3.17) .125 (3.17) .155 (3.97) #4 #4 #4 #4 #4 #4 #4 #4 #6 10 12 14 16 18 20 22 24 .740 (18.80) .864 (21.95) .990 (25.15) 1.118 (28.40) 1.240 (31.50) 1.366 (34.70) 1.490 (37.85) 1.616 (41.05) .812 (20.62) .938 (23.93) 1.031 (26.19) 1.125 (28.58) 1.203 (30.56) 1.297 (32.94) 1.375(34.92) 1.500 (38.10) .155 (3.97) .155 (3.97) .155 (3.97) .155 (3.97) .155 (3.97) .155 (3.97) .155 (3.97) .155 (3.97) #6 #6 #6 #6 #6 #6 #6 #6 F DIA. G DIA. 4 HOLES A DIA J K E (TP) MS - Complies with MIL-C-26482 PVS - ITT Cannon prefix - 15 -PV G - Conductive finish (nickel) A - Nonconductive finish (anodized) 8 though 24 3115 - Dummy receptacle 8 through 24 L - Conductive finish (nickel) A - Nonconductive finish (anodized) NOTE: Usable on KPT/KPSE series also. F (TYP) E + _.005 (+ _.13) +.010 (0.25) -.000 (0.00) DIA. A T DIA. 4 MTG. HOLES R (TYP.) Shell Size A Dia. Max. E (TYP) F Max. G Max. J Max. K Max. Shell Size Narrow Flange Receptacle Wide Flange Receptacle BACKSHELL BACKSHELL COUPLING NUT How to Order PV DESCRIPTION MS DESCRIPTION SERIES PREFIX SERIES PREFIX MS STANDARD SHELL SIZE CLASS PVS -15 G 12 MS 3115 -12 L DUMMY RECEPTACLE INDICATOR CLASS SHELL SIZE COUPLING NUT A Dia. T Dia. Screw Size R Shell Size A Dia. T Dia. Screw Size R E + _.005 (0.13) F Dia. + _.005 (0.13) Flange Front and Rear Mounting Mounting Hole Flange Front and Rear Mounting Mounting Hole Narrow Flange and Thru-Bulkhead/Wide Flange |
Similar Part No. - PV72A10-32SWL |
|
Similar Description - PV72A10-32SWL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |