Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTE0210R03 Datasheet(PDF) 4 Page - ITT Industries

Part # RTE0210R03
Description  Low Profile Rotary DIP Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTE0210R03 Datasheet(HTML) 4 Page - ITT Industries

  RTE0210R03 Datasheet HTML 1Page - ITT Industries RTE0210R03 Datasheet HTML 2Page - ITT Industries RTE0210R03 Datasheet HTML 3Page - ITT Industries RTE0210R03 Datasheet HTML 4Page - ITT Industries RTE0210R03 Datasheet HTML 5Page - ITT Industries RTE0210R03 Datasheet HTML 6Page - ITT Industries RTE0210R03 Datasheet HTML 7Page - ITT Industries RTE0210R03 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-23
I
C&K RTE Series
Low Profile Rotary DIP Switches
NUMBER OF POSITIONS
3
C
1
2
4
RTE02* 2 POSITION
RTE03* 3 POSITION
RTE04
4 POSITION
RTE10
10 POSITION
RTE16 16 POSITION
ESD PROTECTION
0
WITHOUT
1
WITH
2
8
C
4
1
.035 TYP.
(ø0,9)
0
.157
(ø4,0)
ACTUATOR
FLUSH, SCREWDRIVER SLOT
1 EXTENDED SHAFT
(not available in surface mount)
2 SHAFT FOR BUTTON
120˚0'
C
C
21
60˚0'
60˚0'
31
C
C
2
36˚0'
4
1
C
2
8
22˚30'
4
1
C
2
8
.10 (2,54)
.10 (2,54)
.291 (7,4)
0.368 (9,35)
.10
(2,54)
.10
(2,54)
C
4
1
m
2
8
.035 TYP.
(ø0,9)
Ø4
.041
(1,05)
.077
(1,95)
.063
(1,6)
.079 ± .002
(2 ± 0,05)
0,5


Similar Part No. - RTE0210R03

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE0210R-04 CK-COMPONENTS-RTE0210R-04 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0210R-05 CK-COMPONENTS-RTE0210R-05 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0210R-14 CK-COMPONENTS-RTE0210R-14 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0210R-15 CK-COMPONENTS-RTE0210R-15 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0210R-24 CK-COMPONENTS-RTE0210R-24 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
More results

Similar Description - RTE0210R03

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
   Low Profile Rotary DIP Switches
15 Sep 22
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
   Low Profile Rotary DIP Switches
logo
ITT Industries
RTE1000G13 ITT-RTE1000G13 Datasheet
428Kb / 8P
   Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE_V01 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
   7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com