Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAP5205SAD25G Datasheet(PDF) 2 Page - ITT Industries

Part # RTAP5205SAD25G
Description  1-4 Poles Coded Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTAP5205SAD25G Datasheet(HTML) 2 Page - ITT Industries

  RTAP5205SAD25G Datasheet HTML 1Page - ITT Industries RTAP5205SAD25G Datasheet HTML 2Page - ITT Industries RTAP5205SAD25G Datasheet HTML 3Page - ITT Industries RTAP5205SAD25G Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L–9
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K RTA Series
1-4 Poles Coded Rotary Switches
DESIGNATION
INDEXING
RTAC
WITH SOLDER LUGS
RTAP
WITH PC PINS
36
36 index, 10 positions max.
Both commons must be connected by user to ground.
30
30 index, 12 positions max.
22.5
22.5 index, 16 positions max.
36
SP
10 positions
no stop
RTAP36110SSD25S
30
SP
12 positions
no stop
RTAP30112SSD25S
22.5
Binary
RTAP22.5BSSD25S
INDEX
FUNCTION
PART NUMBER
36
SP
10 positions
no stop
RTAC36110SAD25S
30
SP
12 positions
no stop
RTAC30112SAD25S
22.5
Binary
RTAC22.5BSAD25S
INDEX
FUNCTION
PART NUMBER


Similar Part No. - RTAP5205SAD25G

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTAP1W122W25N CK-COMPONENTS-RTAP1W122W25N Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
RTAP1W122W25NS CK-COMPONENTS-RTAP1W122W25NS Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
RTAP1W12W25NS CK-COMPONENTS-RTAP1W12W25NS Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
More results

Similar Description - RTAP5205SAD25G

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTA CK-COMPONENTS-RTA_V01 Datasheet
1Mb / 5P
   1–4 Poles Coded Rotary Switches
RTA CK-COMPONENTS-RTA_V02 Datasheet
766Kb / 5P
   1–4 Poles Coded Rotary Switches
16 May 22
RTA CK-COMPONENTS-RTA Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com