Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGH5090 Datasheet(PDF) 4 Page - LUXPIA

Part # LGH5090
Description  Ultra Brightness LED Lamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LGH5090 Datasheet(HTML) 4 Page - LUXPIA

  LGH5090 Datasheet HTML 1Page - LUXPIA LGH5090 Datasheet HTML 2Page - LUXPIA LGH5090 Datasheet HTML 3Page - LUXPIA LGH5090 Datasheet HTML 4Page - LUXPIA LGH5090 Datasheet HTML 5Page - LUXPIA LGH5090 Datasheet HTML 6Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
LGH5090
Ultra Brightness LED Lamp
Different and Better
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.5
1
1.5
0
5
10
15
20
25
30
Characteristic Diagrams
Forward Voltage VF[V]
Ambient Temperature Ta[℃]
Fig. 1
IF-VF
Fig. 2
IV-IF
Fig. 3
IF-Ta
Ta=25℃
Ta=25℃
Fig. 4 Spectrum Distribution
Ta=25℃
Wavelength λ [nm]
Forward Current IF[mA]
Ta=25℃


Similar Part No. - LGH5090

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LGH5000 LUXPIA-LGH5000 Datasheet
194Kb / 6P
   High Brightness LED Lamp
LGH5015 LUXPIA-LGH5015 Datasheet
174Kb / 6P
   High Brightness LED Lamp
LGH5020 LUXPIA-LGH5020 Datasheet
202Kb / 6P
   High Brightness LED Lamp
More results

Similar Description - LGH5090

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LOU5020 LUXPIA-LOU5020 Datasheet
142Kb / 7P
   Ultra Brightness LED Lamp
logo
AUK corp
SR5323-U AUK-SR5323-U Datasheet
277Kb / 3P
   Ultra Brightness LED Lamp
logo
Bright View Electronic ...
BVU-3P0QT4 BVLED-BVU-3P0QT4 Datasheet
240Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-5M5WI4 BVLED-BVU-5M5WI4 Datasheet
193Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-3X16WI4 BVLED-BVU-3X16WI4 Datasheet
194Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5E1BA4 BVLED-BVU-5E1BA4 Datasheet
326Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5E1GN4 BVLED-BVU-5E1GN4 Datasheet
251Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5K5QT4 BVLED-BVU-5K5QT4 Datasheet
240Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-3P0TT4 BVLED-BVU-3P0TT4 Datasheet
239Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-3R2TT4 BVLED-BVU-3R2TT4 Datasheet
251Kb / 3P
   ULTRA BRIGHTNESS LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com