Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV71A14-32PWL Datasheet(PDF) 2 Page - ITT Industries

Part # PV71A14-32PWL
Description  Series 2 Connectors PV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PV71A14-32PWL Datasheet(HTML) 2 Page - ITT Industries

  PV71A14-32PWL Datasheet HTML 1Page - ITT Industries PV71A14-32PWL Datasheet HTML 2Page - ITT Industries PV71A14-32PWL Datasheet HTML 3Page - ITT Industries PV71A14-32PWL Datasheet HTML 4Page - ITT Industries PV71A14-32PWL Datasheet HTML 5Page - ITT Industries PV71A14-32PWL Datasheet HTML 6Page - ITT Industries PV71A14-32PWL Datasheet HTML 7Page - ITT Industries PV71A14-32PWL Datasheet HTML 8Page - ITT Industries PV71A14-32PWL Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.ittcannon.com
158
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482, Series 2 Connectors
PV
How to Order
Performance and Material Specifications
ELECTRICAL
MATERIALS AND FINISHES
Description
Shell
Aluminum alloy per QQ-A-367, QQ-A-591 or QQ-A-225
Electoless nickel per MIL-C-26074, anodized per MIL-A-8625 or olive drab
cadmium over nickel
Electoless nickel per MIL-C-26074, anodized per MIL-A-8625 or olive drab
cadmium over nickel
Electoless nickel per MIL-C-26074, anodized per MIL-A-8625 or olive drab
cadmium over nickel
Insulators
Rigid dielectric
Silicone rubber (ITT Cannon blend) or Fluorosiclicone rubber (ITT
Cannon blen)
Copper alloy
Aluminum alloy per QQ-A-591
Aluminum alloy per QQ-A-225
None
None
None
Gold page per MIL-G-45204
Elastomers (grommets, interfacial and O ring seals)
Contacts
Coupling Nut
Jam Nut (on PV74)
12
16
20
.097 (2.46)
.053 (1.53)
.040 (1.02)
.158 (4.01)
.103 (2.62)
.083 (2.11)
12
14
16
20
20
24
I
II
1500 Vac rms
2300 Vac rms
375 Vac rms
500 Vac rms
5000 megohms minimum
5000 megohms minimum
23
17
13
7.5
7.5
3.0
50
45
50
45
55
45
Contact
Size
Wire
Size
Max Current
for Test (amps)
Potential Drop
(Millivolts at 25˚C)
Insulation O.D. Limits, inch (mm)
min.
max.
Service Rating
Sea Level
SERIES PREFIX
PV
MS
70
3470
L
L
18
18
-32
-32
P
P
W
W
L
SHELL STYLE
CLASS
SIZE
CONTACT ARRANGEMENT
CONTACT TYPE
ALTERNATE INSERT POSITIONS
LESS COMPONENTS
CLASS
SHELL SIZE
SHELL STYLE
SERIES PREFIX
MS - Complies with MIL-C-26482 Series 2
PV - ITT Cannon Interchangeable with
MIL-C-26482, Series 2
*Consult factory for availablility.
(PV Series and MS Series)
*A - Fluid resistant, 200˚C, non-conductive
(anodized)
L - Fluid resistant, 200˚C, conductive, finish
(nickely)
W - Corrosive and fluid resistant, 175˚C
(cadmium over nickel)
P - Pin contact
S - Socket contact
A - Less pin contact* (MS only)
B - Less socket contacts* (MS only)
No designation required for normal posistion.
Standard MS alternate positions available.
Use "L" if PV connectors are ordered less
contacts, sealing plugs and insertion/extraction
tool ("L" is not stamped on connectors). To
order MS connectors less contacts, purchase
order must state less contacts.
* The "A" and "B" designators are used only when other
than power contacts are ato be installed (i.e. shielded, coaxial
and thermocouple contacts).
8, 10, 12, 14, 16, 18, 20, 22 and 24
(Size 8 avialable in PV70 & 76 only)
See page 162.
ITT Cannon
Part No.
PV70
PV71
PV72
PV74
PV75
PV76
MS3470
MS3471
MS3472
MS3474
MS3475
MS3476
- Narrow Flange Receptacle
- Cable Connecting Receptacle
- Wide Flange Receptacle
- Jam Nut Receptacle
- Straight Plug, RFI Shielded
- Straight Plug
Military No.
Description
CONTACT TYPE
ALTERNATE INSERT POSITIONS
LESS COMPONENTS
CONTACT ARRANGEMENTS
70,000 ft. Altitude
(25˚C)
Dielectric Withstanding Voltage (Test Volatge)
Material
Finish


Similar Part No. - PV71A14-32PWL

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV7 E-SWITCH-PV7 Datasheet
138Kb / 1P
   Vandal and Water Resistant, TEMPERATURE: -20째C to 70째C, CONTACT RESISTANCE: 50mOHM Max.
logo
List of Unclassifed Man...
PV700HF ETC2-PV700HF Datasheet
515Kb / 4P
   PowerVerter짰 700W Ultra-Compact Inverter with 3 Outlets
PV75K3225 ETC2-PV75K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
PV75K3225 ETC2-PV75K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Stackpole Electronics, ...
PV75K3225 SEI-PV75K3225 Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
More results

Similar Description - PV71A14-32PWL

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1351340000 WEIDMULLER-1351340000 Datasheet
386Kb / 5P
   VPU II 2 PV 600V DC
1351370000 WEIDMULLER-1351370000 Datasheet
390Kb / 5P
   VPU II 2 R PV 600V DC
logo
ZHEJIANG HUAJING RECTIF...
HMD90A HUAJING-HMD90A Datasheet
256Kb / 3P
   PV diode module
HMD160A HUAJING-HMD160A Datasheet
282Kb / 4P
   PV diode module
HMD350A HUAJING-HMD350A Datasheet
291Kb / 4P
   PV diode module
HMDK25A HUAJING-HMDK25A Datasheet
258Kb / 3P
   PV diode module
logo
PHOENIX CONTACT
3031526 PHOENIX-3031526 Datasheet
170Kb / 5P
   STTB 1,5-PV
3044733 PHOENIX-3044733 Datasheet
148Kb / 6P
   UTTB 4-PV
2791388 PHOENIX-2791388 Datasheet
96Kb / 5P
   UKK 5-PV
3211825 PHOENIX-3211825 Datasheet
127Kb / 6P
   PITTB 4-PV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com