Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KT11S1SAM35LFG Datasheet(PDF) 4 Page - ITT Industries

Part No. KT11S1SAM35LFG
Description  Right Angle Sealed Tact Switch for SMT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo 

KT11S1SAM35LFG Datasheet(HTML) 4 Page - ITT Industries

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.ittcannon.com
B–27
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
ACTUATING FORCE
CONTACT PLATING
BUTTON
OPTION
CODE
MATERIAL
4
SILVER
5
GOLD
OPTION
CODE
FORCE
3
3 N (300 grams)
KT Series
Right Angle Sealed Tact Switch
02 PRESS FIT, Ø4 mm
03 SNAP FIT, HIGH TEMPERATURE, Ø8 mm
N
T
B
T
K
1
1
OPTION
BUTTON
CODE
COLOR
90
BLACK
80
IVORY
BUTTON TYPE
BUTTON COLOR
Button Color
ø5,08
(.200)
2,54
(.100)
BUTTON
To order buttons in bulk
MOUNTING BRACKET
PAD LAYOUT
AM & A3M MOUNTING BRACKET
PAD LAYOUT
A1M & A2M MOUNTING BRACKET
.195
(4,95)
.345
(8,76)
.148 TYP.
(3,76)
.067
(1,70)
SWITCH FACE
.030
(0,76)
.165 TYP.
(4,19)
.100
(2,54)
.230
(5,84)
.100
(2,54)
.195
(4,95)
.230
(5,84)
.345
(8,76)
.210
(5,33)
.110
(2,79)
.015
(0,38)
.067
(1,70)
.030
(0,76)
.148
(3,76)
.165
(4,19)
SWITCH FACE
Button Type


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KSCSealed Tact Switch for SMT 1 2 3 4 5 ITT Industries
K5VRight Angle Lighted SMT Tact Switch 1 2 3 4 5 MoreITT Industries
KSTLong Travel Tact Switch for SMT 1 2 ITT Industries
KMRMicrominiature Tact Switch for SMT 1 2 3 ITT Industries
KSC4DSealed Detect Switch for SMT 1 2 ITT Industries
KMSMicrominiature Side Actuated Tact Switch for SMT 1 2 3 ITT Industries
KSC5Tact Switch with Rocker Option for SMT 1 2 3 ITT Industries
PTS525Microminiature Tact Switch for SMT 1 2 ITT Industries
KSRSubminiature Tact Switch for SMT 1 2 3 ITT Industries
KSSSubminiature Side Actuated Tact Switch for SMT 1 2 3 ITT Industries

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn