Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6203I Datasheet(PDF) 11 Page - Linear Technology

Part # 6203I
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

6203I Datasheet(HTML) 11 Page - Linear Technology

Back Button 6203I Datasheet HTML 7Page - Linear Technology 6203I Datasheet HTML 8Page - Linear Technology 6203I Datasheet HTML 9Page - Linear Technology 6203I Datasheet HTML 10Page - Linear Technology 6203I Datasheet HTML 11Page - Linear Technology 6203I Datasheet HTML 12Page - Linear Technology 6203I Datasheet HTML 13Page - Linear Technology 6203I Datasheet HTML 14Page - Linear Technology 6203I Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT6202/LT6203/LT6204
11
620234fa
Minimum Supply Voltage
Output Short-Circuit Current vs
Power Supply Voltage
Open-Loop Gain
Open-Loop Gain
Offset Voltage vs Output Current
Warm-Up Drift vs Time
(LT6203S8)
Total Noise vs
Total Source Resistance
Input NoiseVoltage vs Frequency
Open-Loop Gain
TYPICAL PERFOR A CE CHARACTERISTICS
TOTAL SUPPLY VOLTAGE (V)
1
–10
–8
–4
–2
0
10
4
23
3.5
LT6202/03/04 G10
–6
6
8
2
1.5
2.5
4
4.5
5
TA = 125°C
TA = –55°C
TA = 25°C
POWER SUPPLY VOLTAGE (
±V)
1.5
60
3
LT6202/03/04 G11
0
–40
2
2.5
3.5
–60
–80
80
40
20
–20
4
4.5
5
TA = 125°C
TA = 125°C
TA = 25°C
TA = 25°C
TA = –55°C
SOURCING
SINKING
TA = –55°C
OUTPUT VOLTAGE (V)
0
–2.5
–1.5
–0.5
0.5
0.5
1.0
1.5
2.0
LT6202/03/04 G12
2.5
1.5
2.5
–2.0
–1.0
0
1.0
2.0
3.0
TA = 25°C
VS = 3V, 0V
RL = 1k
RL = 100Ω
OUTPUT VOLTAGE (V)
0
1234
LT6202/03/04 G13
5
–2.5
–1.5
–0.5
0.5
1.5
2.5
–2.0
–1.0
0
1.0
2.0
TA = 25°C
VS = 5V, 0V
RL = 1k
RL = 100Ω
OUTPUT VOLTAGE (V)
–5
3
LT6202/03/04 G14
–3
–4
–1
–2
12
4
0
5
–2.5
–1.5
–0.5
0.5
1.5
2.5
–2.0
–1.0
0
1.0
2.0
TA = 25°C
VS = ±5V
RL = 1k
RL = 100Ω
OUTPUT CURRENT (mA)
–80
–15
–10
–5
0
5
–40
0
40
80
LT6202/03/04 G15
10
15
–60
–20
20
60
VS = ±5V
TA = 25°C
TA = –55°C
TA = 125°C
TIME AFTER POWER-UP (s)
0
80
120
160
LT6202/03/04 G16
40
0
40
80
120
20
60
100
140
160
60
100
20
140
TA = 25°C
VS = ±5V
VS = ±2.5V
VS = ±1.5V
TOTAL SOURCE RESISTANCE (
Ω)
1
10
10
1k
10k
100k
LT6202/03/04 G17
0.1
100
100
VS = ±2.5V
VCM = 0V
f = 100kHz
TOTAL SPOT NOISE
AMPLIFIER SPOT
NOISE VOLTAGE
RESISTOR
SPOT
NOISE
FREQUENCY (Hz)
10
0
5
15
20
25
1k
45
LT6202/03/04 G18
10
100
100k
30
35
40
10k
TA = 25°C
VS = 5V, 0V
NPN ACTIVE
VCM = 4.5V
BOTH ACTIVE
VCM = 2.5V
PNP ACTIVE
VCM = 0.5V


Similar Part No. - 6203I

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6203 POMONA-6203 Datasheet
27Kb / 1P
   Spade Lug to Insulated Banana Jack
logo
Wurth Elektronik GmbH &...
620303124022 WURTH-620303124022 Datasheet
426Kb / 6P
   WR-WTB SMT Male Vertical Shrouded Header
002.000
620310124022 WURTH-620310124022 Datasheet
715Kb / 1P
   2.00 MM SMT MALE VERTICAL SHROUDED HEADER
620311124022 WURTH-620311124022 Datasheet
715Kb / 1P
   2.00 MM SMT MALE VERTICAL SHROUDED HEADER
620312124022 WURTH-620312124022 Datasheet
715Kb / 1P
   2.00 MM SMT MALE VERTICAL SHROUDED HEADER
More results

Similar Description - 6203I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT6230 LINER-LT6230 Datasheet
649Kb / 24P
   215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
logo
Microchip Technology
RE46C311 MICROCHIP-RE46C311 Datasheet
850Kb / 22P
   Low-Input Leakage, Rail-to-Rail Input/Output Op Amps
11/29/12 2013
logo
Linear Technology
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com