Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2332U Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2332U
Description  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2332U Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button LMX2332U Datasheet HTML 27Page - National Semiconductor (TI) LMX2332U Datasheet HTML 28Page - National Semiconductor (TI) LMX2332U Datasheet HTML 29Page - National Semiconductor (TI) LMX2332U Datasheet HTML 30Page - National Semiconductor (TI) LMX2332U Datasheet HTML 31Page - National Semiconductor (TI) LMX2332U Datasheet HTML 32Page - National Semiconductor (TI) LMX2332U Datasheet HTML 33Page - National Semiconductor (TI) LMX2332U Datasheet HTML 34Page - National Semiconductor (TI) LMX2332U Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
1.0 Functional Description (Continued)
PHASE COMPARATOR AND INTERNAL CHARGE
PUMP CHARACTERISTICS
10136611
Notes:
1.
The minimum width of the pump-up and pump-down current pulses occur at the Do RF or Do IF pins when the loop is phase locked.
2.
The diagram assumes positive VCO characteristics, i.e. PD_POL RF or PD_POL IF = 1.
3.
Fr is the phase detector input from the reference divider (R counter).
4.
Fp is the phase detector input from the programmable feedback divder (N counter).
5.
Do refers to either the RF or IF charge pump output.
1.6 CHARGE PUMPS
The charge pump directs charge into or out of an external
loop filter. The loop filter converts the charge into a stable
control voltage which is applied to the tuning input of the
VCO. The charge pump steers the VCO control voltage
towards V
P RF or VP IF during pump-up events and towards
GND during pump-down events. When locked, D
o RF or Do
IF are primarily in a TRI-STATE mode with small corrections
occuring at the phase comparator rate. The charge pump
output current magnitude can be selected by toggling the ID
o
RF or ID
o IF control bits.
1.7 MICROWIRE SERIAL INTERFACE
The programmable register set is accessed via the MI-
CROWIRE serial interface. The interface is comprised of
three signal pins: Clock, Data and LE (Latch Enable). Serial
data is clocked into the 22-bit shift register on the rising edge
of Clock. The last two bits decode the internal control regis-
ter address. When LE transitions HIGH, data stored in the
shift register is loaded into one of four control registers
depending on the state of the address bits. The MSB of Data
is loaded in first. The synthesizers can be programmed even
in power down mode. A complete programming description
is provided in Section 2.0 Programming Description.
1.8 MULTI-FUNCTION OUTPUTS
The LMX233xU device’s F
oLD output pin is a multi-function
output that can be configured as the RF FastLock output, a
push-pull analog lock detect output, counter reset, or used to
monitor the output of the various reference divider (R
counter) or feedback divider (N counter) circuits. The F
oLD
control word is used to select the desired output function.
When the PLL is in powerdown mode, the F
oLD output is
pulled to a LOW state. A complete programming description
of the multi-function output is provided in Section 2.8 F
oLD.
1.8.1 Push-Pull Analog Lock Detect Output
An analog lock detect status generated from the phase
detector is available on the F
oLD output pin if selected. The
lock detect output goes HIGH when the charge pump is
inactive. It goes LOW when the charge pump is active during
a comparison cycle. When viewed with an oscilloscope,
narrow negative pulses are observed when the charge pump
turns on. The lock detect output signal is a push-pull con-
figuration.
Three separate lock detect signals are routed to the multi-
plexer. Two of these monitor the ‘lock’ status of the individual
synthesizers. The third detects the condition when both the
RF and IF synthesizers are in a ‘locked state’. External
circuitry however, is required to provide a steady DC signal
to indicate when the PLL is in a locked state. Refer to
Section 2.8 F
oLD for details on how to program the different
lock detect options.
www.national.com
31


Similar Part No. - LMX2332U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2332A NSC-LMX2332A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2332ATM NSC-LMX2332ATM Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2332L NSC-LMX2332L Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332LSLB NSC-LMX2332LSLB Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332LSLBX NSC-LMX2332LSLBX Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2332U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
   PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com