Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN761683BDAG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN761683BDAG4
Description  TV TUNER IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761683BDAG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN761683BDAG4 Datasheet HTML 7Page - Texas Instruments SN761683BDAG4 Datasheet HTML 8Page - Texas Instruments SN761683BDAG4 Datasheet HTML 9Page - Texas Instruments SN761683BDAG4 Datasheet HTML 10Page - Texas Instruments SN761683BDAG4 Datasheet HTML 11Page - Texas Instruments SN761683BDAG4 Datasheet HTML 12Page - Texas Instruments SN761683BDAG4 Datasheet HTML 13Page - Texas Instruments SN761683BDAG4 Datasheet HTML 14Page - Texas Instruments SN761683BDAG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
Example of I2C Data-Write Sequences
Telegram Examples
Abbreviations
SN761683B
TV TUNER IC
SLES180 – MAY 2006
Table 3. Address Selection
VOLTAGE APPLIED
MA1
MA0
ON AS INPUT
0
0
LOW: 0 V to 0.1 VCC
0
1
MID2: open, or 0.2 VCC to 0.3 VCC
1
0
MID1: 0.4 VCC to 0.6 VCC
1
1
HIGH: 0.9 VCC to VCC
Table 4. Test Bits (1)
T2
T1
T0
DEVICE OPERATION
NOTE
0
0
0
Normal operation
0
0
1
Normal operation
Default
0
1
X
Charge pump is off.
1
1
0
Charge pump is sink.
1
1
1
Charge pump is source.
1
0
X
Test mode
ADC not available
(1)
Not used for other bit patterns
Table 5. Reference Divider Ratio
REFERENCE
RSA
RSB
DIVIDER RATIO
X
0
640
0
1
1024
1
1
512
Start – ADB – DB1 – DB2 – CB – BB – Stop
Start – ADB – DB1 – DB2 – Stop
Start – ADB – CB – BB – Stop
ADB: Address byte
DB1: Divider byte 1
DB2: Divider byte 2
CB:
Control byte
BB:
Band-switch byte
Start: Start condition
Stop: Stop condition
Note: Following bytes after band-switch byte (BB) are ignored.
Start – ADB – DB1 – DB2 – CB – BB – (ignored) – (ignored) – Stop
Start – ADB – CB – BB – (ignored) – (ignored) – Stop
11
Submit Documentation Feedback


Similar Part No. - SN761683BDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761681DBT TI-SN761681DBT Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761681DBTG4 TI-SN761681DBTG4 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761681DBTR TI-SN761681DBTR Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761681DBTRG4 TI-SN761681DBTRG4 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
More results

Similar Description - SN761683BDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com