Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS01CSE Datasheet(PDF) 3 Page - ITT Industries

Part No. TS01CSE
Description  Tiny Slide Switches
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo 

TS01CSE Datasheet(HTML) 3 Page - ITT Industries

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
J–9
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K TS Series
Tiny Slide Switches
CONTACT MATERIAL
SEAL
F
EPOXY SEAL AND SPLASHPROOF RTV LATEX RUBBER SEAL
E
EPOXY SEAL
NOTE: RTV latex rubber seal peels off easily after installation.
Epoxy terminal seal standard. Not available with A termination.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
7 TERMINALS: Copper alloy, with matte-tin over nickel plate
All models
with all options when ordered with G, L, M,S or R contact material.
B contact material standard with A and W terminations.
Q contact material standard with C terminations.
NOTE: Any models supplied with Q, B, G, P, S or R contact material are
RoHS compliant. For the latest information regarding RoHS compliance,
please go to: www.ittcannon.com/rohs.
TS01 MODELS: 0.4 VA MAX @20 V AC OR DC MAX. OR
3 AMPS @ 120 V AC OR 28 V DC.
TS02, TS03 MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR
1 AMP @ 120 V AC OR 28 V DC.
TS01 MODELS: 3 AMPS @ 120 V AC OR 28 V DC.
TS02, TS03 MODELS: 1 AMP @ 120 V AC OR 28 V DC.
0.4 VA MAX. @ 20 V AC OR DC MAX.
LOW LEVEL/DRY
CIRCUIT OR POWER
POWER
LOW LEVEL/DRY
CIRCUIT
GOLD OVER
SILVER 2,3
SILVER 4,5
GOLD 1
OPTION
CODE
RATINGS
CONTACT
MATERIAL
B
K
P
Q
M
S
G
L
R
GOLD 3
TIN-LEAD 6
MATTE-TIN 7
GOLD 3
TIN-LEAD 6
MATTE-TIN 7
GOLD 3
TIN-LEAD 6
MATTE-TIN 7
TERMINAL
PLATING
RoHS
COMPLIANT
RoHS
COMPLIANT
YES
NO
YES
YES
NO
YES
YES
NO
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ES01MCBESealed Tiny Slide Switches 1 2 3 4 ITT Industries
500ASUB-MINIATURE SLIDE SWITCHES 1 2 E-SWITCH
EG1201SLIDE SWITCHES 1 2 3 4 5 E-SWITCH
EG1307SLIDE SWITCHES 1 2 3 4 5 E-SWITCH
EG2219SLIDE SWITCHES 1 2 3 4 5 MoreE-SWITCH
TP11SHZQETiny Pushbutton Switches 1 2 3 4 5 MoreITT Industries
1000Miniature Slide Switches 1 2 3 4 5 MoreITT Industries
EP11SD1ABESealed Tiny Pushbutton Switches 1 2 3 4 5 MoreITT Industries
GS01MCBESealed Ultraminiature Slide Switches 1 2 ITT Industries

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn