Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFL-LP-04-A-L Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # UFL-LP-04-A-L
Description  Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UFL-LP-04-A-L Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  UFL-LP-04-A-L Datasheet HTML 1Page - List of Unclassifed Manufacturers UFL-LP-04-A-L Datasheet HTML 2Page - List of Unclassifed Manufacturers UFL-LP-04-A-L Datasheet HTML 3Page - List of Unclassifed Manufacturers UFL-LP-04-A-L Datasheet HTML 4Page - List of Unclassifed Manufacturers UFL-LP-04-A-L Datasheet HTML 5Page - List of Unclassifed Manufacturers UFL-LP-04-A-L Datasheet HTML 6Page - List of Unclassifed Manufacturers UFL-LP-04-A-L Datasheet HTML 7Page - List of Unclassifed Manufacturers UFL-LP-04-A-L Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
sUsage Precautions
1. Plugs
(1) Connection/
disconnection of
connectors
(2) Permissible load on
the cable after
connector mating.
(3) Precautions
1) To disconnect connectors, hook the end portion of U.FL-LP-N-2 and U.FL-LP(V)-N-2 onto the connector cover and
pull off vertically in the direction of the connector mating axis.
1) To remove the connector directly, hold the connector cover and pull off
vertically in the direction of the connector mating axis.
(Please exercise caution so as not to injure fingertips or nails.)
2) To mate the connectors, the mating axes of both connectors are aligned
and the connectors are inserted as perpendicularly as possible.
Do not attempt to insert on an extreme angle.
After the connectors are mating, do not apply a load to the cable in excess of the values indicated in the diagram
below.
Do NOT forcefully twist or deform wires.
(1) Recommended
temperature profile
(Reference)
1) The temperature profile indicates the board surface temperature at the point of contacts with the connector
terminals (for surface mounted receptacle).
2) The temperature profile will change depending on conditions which include such factors as the size of the board,
the solder used, and the solder thickness.
(3) Recommended screen
thickness
0.1 to 0.15 mm
(2) Recommended
manual soldering
(Reference)
Manual soldering: 350˚C for 5 seconds
2. Receptacles
U.FL-LP-040
2N max.
2N max.
4N max.
U.FL-R-SMT
Time
Preheating
(130 to 165
℃)
Within 2 minutes
40 to 50
seconds
Heating peak
240
℃ 3 seconds
183
260
240
220
200
180
160
140
120
100
80
(
℃)
Extraction Jig
U.FL-R-SMT
U.FL Cable
Assembly


Similar Part No. - UFL-LP-04-A-L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UFL-LP-04-A-L ETC1-UFL-LP-04-A-L Datasheet
239Kb / 6P
   SMT Ultra-Miniature Coaxial Connectors-Mating Heights Owing to the Lowest Profile and the Lightest
More results

Similar Description - UFL-LP-04-A-L

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
X.FL HIROSE-X.FL Datasheet
965Kb / 8P
   Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com