Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA09H0B Datasheet(PDF) 1 Page - ITT Industries

Part # SDA09H0B
Description  Low Profile DIP Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SDA09H0B Datasheet(HTML) 1 Page - ITT Industries

  SDA09H0B Datasheet HTML 1Page - ITT Industries SDA09H0B Datasheet HTML 2Page - ITT Industries SDA09H0B Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-6
I
C&K SDA Series
Low Profile DIP Switches
How To Order
Complete part numbers for SDA Series are shown on pages I–6 through I–8. All switches supplied in “OFF” position.
Specifications
CONTACT RATING: 25 mA @ 24 V DC or 100 mA @ 50 V DC.
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles at rated loads.
CONTACT RESISTANCE: 50 milliohms max. initial.
INSULATION RESISTANCE: 100 megohms between terminals.
DIELECTRIC WITHSTANDING VOLTAGE: 300 V DC min. for 1 minute.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING TEMPERATURE: -20°C to 85°C.
OPERATING FORCE: 800 grams max.
SOLDERABILITY: Dip and look solderability testing per C&K
spec. #448. Unplated edges of terminals permitted.
PACKAGING: Switches supplied in rigid dispensing tubes in full-
tube quantities only, this may affect order quantity. Numbers
of switches per tube varies with model. Tape and reel pack-
aging also available.
Features/Benefits
Low profile design saves space
Thru-hole and surface mount models
High pressure contact does not
require tape sealing
Tape and reel packaging available
RoHS compliant - options available
12
3456
78
DIM 'A'
.189
(4,80)
.106
(2,70)
.100
(2,54)
.010
(0,25)
.024
(0,61)
.051
(1,30)
.063
(1,60)
.320
(8,13)
.295
(7,49)
.100
(2,54)
TYP.
.300 TYP.
(7,6)
Ø.031
(0,8)
TYP.
Materials
HOUSING: Tin Lead, Version PPA (UL94V-0).
RoHS, Version PPS, color black (UL94V-0).
COVER: PPA color: Red (UL 94V-0).
RoHS, version PPS, color black (UL94V-0).
ACTUATOR: PA6T (UL94-0)
CONTACTS: Gold plated Beryllium copper.
TERMINALS: Tin lead plated brass. RoHS,
gold plate over nickel plated brass.
TAPE SEAL: Polyimide.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Flush Actuator – No Tape, Thru-hole Terminals
SDA08H0KD
Typical Applications
Address switch for industrial
controls
Logic switching for computers
and peripherals
Function controlling for
numerous applications
ROHS
TIN LEAD
NO.
QUANTITY
PART NUMBER
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SDA01H0BD
SDA01H0KD
1
.178 (4,52)
100
SDA02H0BD
SDA02H0KD
2
.278 (7,06)
60
SDA03H0BD
SDA03H0KD
3
.378 (9,60)
45
SDA04H0BD
SDA04H0KD
4
.476 (12,10)
35
SDA05H0BD
SDA05H0KD
5
.578 (14,68)
30
SDA06H0BD
SDA06H0KD
6
.676 (17,18)
25
SDA07H0BD
SDA07H0KD
7
.778 (19,76)
20
SDA08H0BD
SDA08H0KD
8
.876 (22,26)
20
SDA09H0BD
SDA09H0KD
9
.978 (24,84)
15
SDA10H0BD
SDA10H0KD
10
1.076 (27,34)
15
SDA12H0BD
SDA12H0KD
12
1.279 (32,50)
14
Schematic
SPST


Similar Part No. - SDA09H0B

ManufacturerPart #DatasheetDescription
logo
C&K Components
SDA09H0B CK-COMPONENTS-SDA09H0B Datasheet
208Kb / 3P
   Low Profile DIP Switches
SDA09H0BD CK-COMPONENTS-SDA09H0BD Datasheet
208Kb / 3P
   Low Profile DIP Switches
More results

Similar Description - SDA09H0B

ManufacturerPart #DatasheetDescription
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
SD CK-COMPONENTS-SD Datasheet
215Kb / 3P
   Low Profile DIP Switches
9 January 2018
SDSWITCH CK-COMPONENTS-SDSWITCH Datasheet
106Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SD02H0B ITT-SD02H0B Datasheet
283Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SDA CK-COMPONENTS-SDA_V01 Datasheet
135Kb / 3P
   Low Profile DIP Switches
SDB CK-COMPONENTS-SDB Datasheet
763Kb / 4P
   Low Profile DIP Switches
18 oct 18
SD02H0B CK-COMPONENTS-SD02H0B Datasheet
157Kb / 3P
   Low Profile DIP Switches
SDA CK-COMPONENTS-SDA_V02 Datasheet
426Kb / 4P
   Low Profile DIP Switches
28 may 18
logo
List of Unclassifed Man...
MS-100198 ETC2-MS-100198 Datasheet
76Kb / 1P
   Ultra-Low Profile DIP Switches
logo
C&K Components
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com