Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E221SD3A3LE Datasheet(PDF) 1 Page - ITT Industries

Part # E221SD3A3LE
Description  Sealed Snap-acting Momentary Pushbutton Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E221SD3A3LE Datasheet(HTML) 1 Page - ITT Industries

  E221SD3A3LE Datasheet HTML 1Page - ITT Industries E221SD3A3LE Datasheet HTML 2Page - ITT Industries E221SD3A3LE Datasheet HTML 3Page - ITT Industries E221SD3A3LE Datasheet HTML 4Page - ITT Industries E221SD3A3LE Datasheet HTML 5Page - ITT Industries E221SD3A3LE Datasheet HTML 6Page - ITT Industries E221SD3A3LE Datasheet HTML 7Page - ITT Industries E221SD3A3LE Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A–19
A
C&K E020 Series
Sealed Snap-acting Momentary Pushbutton Switches
Features/Benefits
Process sealed with disposable
splashproof boot
Long life contact design
Snap-fitting plunger available
RoHS compliant models available
Typical Applications
Instrumentation
Telecommunications and
networking equipment
Computers and peripherals
Specifications
CONTACT RATING: B contact material (EX25 Models): 0.4 VA max.
@ 20 V AC or DC max. G contact material (EX21 Models): 1 AMP
@120 V AC or 28 V DC or 0.4 VA max. @ 20 V AC or DC max.
Note: Break-before-make contacts. Multi-pole contacts
do not make and break simultaneously. See page A-24 for
additional ratings.
ELECTRICAL LIFE: 60,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 50 m
Ω typ. initial @
2–4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 75ºC.
CAP INSTALLATION FORCE: 10 lbs. max. permissible.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
NOTE: Any models supplied with P, R, B or G contact material are RoHS compliant. For
the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE & BUSHING: Glass filled nylon 6/6, flame retardant
(UL 94V-0).
PLUNGER: Glass filled nylon or glass filled polyester (PBT)
(UL 94V-0).
SWITCH SUPPORT: Brass or steel, matte-tin.
SWITCH SUPPORT RETAINER: Stainless steel.
N.O. & N.C. CONTACTS: EX25 MODELS: B contact material: Copper
alloy, with gold plate over nickel plate. EX21 MODELS: G contact
material: Coin silver, with gold plate over nickel plate. See page
A-28 for additional contact materials.
COMMON CONTACTS & ALL TERMINALS: Copper alloy, with
gold plate over nickel plate. See page A-24 for additional
contact materials.
TERMINAL SEAL: Epoxy.
DISPOSABLE BOOT: Vinyl splashproof boot supplied standard.
Remove and discard only after soldering and cleaning
processes are complete.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-20 thru A-26. For additional options not shown in catalog, consult our Customer Service Center.
All models are process sealed to withstand machine soldering temperatures and pressure wash cleaning methods.
Switch Function
E121 SPDT On-Mom. 1 Amp
E221 DPDT On-Mom. 1 Amp
E125 SPDT On-Mom. 0.4VA
E225 DPDT On-Mom. 0.4VA
Plunger
S
.282" high
M .331" high, snap-fitting
S1 .332" high
Bushing
D1
Unthreaded
D3
.180" high, unthreaded
Contact Material
B
Gold
K
Gold, tin-lead
G
Gold, matte-tin
P
Gold over silver
L
Gold over silver, tin-lead
R
Gold over silver, matte-tin
Seal
E Epoxy and disposable
splashproof boot
Models Available
Terminations
A
Right angle, PC thru-hole
AV2 Vertical right angle, PC thru-hole
C
PC Thru-hole
A3
Right angle, snap-in, PC thru-hole
AV3 Vertical right angle, snap-in, PC thru-hole
V3
.460" high, V-bracket
V4
.630" high, V-bracket
V6
.460" high, V-bracket
V8
.953" high, V-bracket
V31 .460" high, snap-in V-bracket
V41 .630" high, snap-in V-bracket
V61 .460" high, snap-in V-bracket


Similar Part No. - E221SD3A3LE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E221SD1AV2BE CK-COMPONENTS-E221SD1AV2BE Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
More results

Similar Description - E221SD3A3LE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
   Snap-acting Momentary Pushbutton Switches
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com