Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T112220-0007 Datasheet(PDF) 4 Page - ITT Industries

Part # T112220-0007
Description  Fakra
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

T112220-0007 Datasheet(HTML) 4 Page - ITT Industries

  T112220-0007 Datasheet HTML 1Page - ITT Industries T112220-0007 Datasheet HTML 2Page - ITT Industries T112220-0007 Datasheet HTML 3Page - ITT Industries T112220-0007 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fakra
27,5
(1.083)
16,0
±0,1
(0.630
±0.004)
8,0
±0,1
(0.315
±0.004)
3,95
(0.156)
2,65
±0,1
(0.104
±0.004)
2,65
(0.105)
3,95
(0.156)
3,95
(0.156)
2,65
±0,1
(0.104
±0.004)
3,95
(0.156)
2,65
±0,1
(0.104
±0.004)
0,8
(0.032)
5,0
(0.197)
2,5
(0.099)
22,5
±0,1
(0.886
±0.004)
7,25
±0,1
(0.285
±0.004)
8,0
±0,1
(0.315
±0.004)
1,02
(0.041)
10,25
(0.404)
8,75
±0,1
(0.344
±0.004)
9,25
±0,1
(0.365
±0.004)
3x 8,27
±0,1
(0.326
±0.004)
23,9
(0.941)
14,55
(0.573)
3,25
(0.128)
12,5
(0.493)
28,5
(1.122)
8x 3,0
(0.119)
5,0
(0.197)
2,0
(0.079)
3x ø7,9+0,0/-0,05
(0.311+0.000/-0.001)
-A-
7,55+0,0/-0,05
(0.297+0.000/-0.001)
1,0
±0,1
(0.039
±0.004)
3,1
±0,1
(0.118
±0.004)
5,05+0,0/-0,1
(0.199+0.000/-0.004)
6,55
±0,1
(0.258
±0.004)
9,36+0,2/-0,0
(0.369+0.007/-0.000)
8x ø1,5
±0,05
(0.059
±0.001)
3x 45˚x0,1
(45˚x.004)
3x ø0.97
±0,0
(0.038
±0.000)
9,13
(0.360)
10,88
(0.429)
11,5
(0.453)
11,0
(0.433)
5,5
(0.217)
5,08
(0.200)
2,54
(0.100)
5,08
(0.200)
5,0
(0.197)
25,7 REF
(1.012)
9,36 MIN
(0.369)
90˚
3x ø0.97
±0,0
(0.038
±0.000)
2.40
(0.095)
8,0
±0,1
(0.315
±0.004)
4x ø1,4
(0.056)
2,54
(0.100)
4x 2,79
(0.110)
0,5
(0.020)
1,0
(0.040)
8,0
(0.315)
7,0
(0.276)
6,25
±0,1
(0.246
±0.004)
4,65
±0,1
(0.183
±0.004)
4,75
±0,1
(0.187
±0.004)
7,55+0,1/-0,05
(0.297+0.004/-0.001)
3,0
±0,1
(0.118
±0.004)
1,0
±0,1
(0.039
±0.004)
0.10 A
2,0+0,0/-0,1
(0.0787+0.000/-0.004)
45˚
±1˚
2x 2,7+0,1/-0,0
(0.107+0.004/-0.000)
4,75+0,0/-0,1
(0.187+0.000/-0.004)
1,0+0,0/-0,1
(0,039+0.000/-0.004)
2x R 0,2
(0.008)
C
B
A
C
A
C
A
A
B
3 Way, Part Number: T112220-0012
1 Way, Part Number: T11220-0010
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
North America
Tel: 800.683.7666
United Kingdom
Tel: 44.1256.311200
Hong Kong
Tel: 852.2732.2720


Similar Part No. - T112220-0007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T1122 ETC1-T1122 Datasheet
429Kb / 3P
   TRIANGULAR TYPE
logo
Pulse A Technitrol Comp...
T1122 PULSE-T1122 Datasheet
280Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500Vrms, Extended and Standard Temperature Range
T1122 PULSE-T1122 Datasheet
291Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1122 PULSE-T1122 Datasheet
216Kb / 9P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1122 PULSE-T1122 Datasheet
154Kb / 8P
   TRANSFORMERS
More results

Similar Description - T112220-0007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE38748K PASTERNACK-PE38748K Datasheet
444Kb / 4P
   Curry FAKRA Plug to FAKRA Jack Cable
PE38746A PASTERNACK-PE38746A Datasheet
191Kb / 1P
   FAKRA JACK TO FAKRA JACK, PE-C100 COAX
PE38748A PASTERNACK-PE38748A Datasheet
191Kb / 1P
   FAKRA JACK TO FAKRA PLUG, PE-C100 COAX
PE38757D-12 PASTERNACK-PE38757D-12 Datasheet
193Kb / 1P
   FAKRA JACK TO FAKRA PLUG, RG316/U COAX
PE38746I PASTERNACK-PE38746I Datasheet
191Kb / 1P
   FAKRA JACK TO FAKRA JACK PE-C100 COAX
PE38757Y PASTERNACK-PE38757Y Datasheet
193Kb / 1P
   FAKRA JACK TO FAKRA PLUG, RG316/U COAX
PE38755Y PASTERNACK-PE38755Y Datasheet
187Kb / 1P
   FAKRA PLUG TO FAKRA PLUG, RG316/U COAX
PE38747A PASTERNACK-PE38747A Datasheet
188Kb / 1P
   FAKRA PLUG TO FAKRA PLUG, PE-C100 COAX
PE38752A PASTERNACK-PE38752A Datasheet
189Kb / 1P
   FAKRA JACK TO FAKRA PLUG, RG174A/U COAX
PE38756D-12 PASTERNACK-PE38756D-12 Datasheet
190Kb / 1P
   FAKRA JACK TO FAKRA PLUG, RG316/U COAX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com