Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77252 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT77252
Description  155 Mbps ATM SAR Controller With ABR Support for PCI-based Networking Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77252 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT77252 Datasheet HTML 5Page - Integrated Device Technology IDT77252 Datasheet HTML 6Page - Integrated Device Technology IDT77252 Datasheet HTML 7Page - Integrated Device Technology IDT77252 Datasheet HTML 8Page - Integrated Device Technology IDT77252 Datasheet HTML 9Page - Integrated Device Technology IDT77252 Datasheet HTML 10Page - Integrated Device Technology IDT77252 Datasheet HTML 11Page - Integrated Device Technology IDT77252 Datasheet HTML 12Page - Integrated Device Technology IDT77252 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9 of 17
March 26, 2001
IDT77252



"
"
"
"






#
#
#
#$
$
$
$ 














 













%%
%%
%%
%%&
&
&
& 





 


'
'
'
'%
%
%
% 




'
'
'
'



 



'
'
'
'











'
'
'
'&
&
&
& 





 


'
'
'
'%
%
%
% 









VCC
Supply Voltage
-0.3
6.5
V
VIN
Input Voltage
VSS - 0.3
VCC + 0.3
V
VOUT
Output Voltage
VSS - 0.3
VCC + 0.3
V
Tstg
Storage Temperature
-55
125
deg.C





VCC
Supply Voltage
4.75
5.25
V
VI
Input Voltage
0
VCC
V
TA1
Commercial Operating temperature
0
70
deg.C
TA2
Industrial Operating temperature
-40
85
deg.C
titr
Input TTL rise time
2
ns
titf
Input TTL fall time
2
ns






SAR_CLK
SAR clock input freq.
155Mb/s
77
80
MHz
25Mb/s
25
80
MHz
PHY_CLK
PHY clock input freq.
155Mb/s
19.44
40
MHz
25Mb/s
3
40
MHz
PCI_CLK
PCI clock input freq.
33MHz
0
33.3
MHz







CIN
Input Capacitance
except PCI Bus
4
pF
COUT
Output Capacitance
all outputs
6
pF
Cbid
Bi-Directional Capacitance
all bi-directional pins
10
pF
Cinpci
PCI Bus Input Capacitance
PCI Bus inputs
10
pF
Cclkpci
PCI Bus Clock Input Capacitance
5
12
pF
Cidsel
PCI Bus ID Select Input Capacitance
8
pF







Vil
Low-level TTL input voltage
-0.7V
0.8
V
Vih
High-level TTL input voltage
2
VCC + 0.2V
V
Vol
Low-level TTL output voltage
except PCI Bus
0.4
V
Vol
PCI Bus Low-level TTL output voltage
PCI Bus voltage
0.55
V
Voh
High-level TTL output voltage
2.4
V


Similar Part No. - IDT77252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT77010 ETC1-IDT77010 Datasheet
141Kb / 21P
   Data Path Interface to Utopia Level 1 Translation Device
logo
Renesas Technology Corp
IDT77010 RENESAS-IDT77010 Datasheet
301Kb / 22P
   Data Path Interface (DPI) to Utopia Level 1 Translation Device
June 24, 2002
logo
List of Unclassifed Man...
IDT77010L155PQF ETC1-IDT77010L155PQF Datasheet
141Kb / 21P
   Data Path Interface to Utopia Level 1 Translation Device
logo
Integrated Device Techn...
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77105L25TF IDT-IDT77105L25TF Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
More results

Similar Description - IDT77252

ManufacturerPart #DatasheetDescription
logo
NEC
UPD98409 NEC-UPD98409 Datasheet
402Kb / 36P
   ATM LIGHT SAR CONTROLLER
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
   ATM SAR and PHY Processor for PCI Bus
PM7375 PMC-PM7375 Datasheet
119Kb / 4P
   ATM SAR and PHY Processor for PCI Bus
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
Advanced Micro Devices
AM79C978 AMD-AM79C978 Datasheet
3Mb / 261P
   Single-Chip 1/10 Mbps PCI Home Networking Controller
logo
NEC
UPD98405 NEC-UPD98405 Datasheet
333Kb / 64P
   155M ATM INTEGRATED SAR CONTROLLER
logo
Advanced Micro Devices
AM79C978A AMD-AM79C978A Datasheet
3Mb / 256P
   Single-Chip 1/10 Mbps PCI Home Networking Controller
logo
M/A-COM Technology Solu...
28236-BRF-001-A MA-COM-28236-BRF-001-A_15 Datasheet
515Kb / 4P
   OC-3 ATM SAR Controller with UTOPIA Level 2
logo
Advanced Micro Devices
AM79C972 AMD-AM79C972 Datasheet
1Mb / 130P
   PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com