Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF08S Datasheet(PDF) 3 Page - International Rectifier

Part # DF08S
Description  1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

DF08S Datasheet(HTML) 3 Page - International Rectifier

  DF08S Datasheet HTML 1Page - International Rectifier DF08S Datasheet HTML 2Page - International Rectifier DF08S Datasheet HTML 3Page - International Rectifier DF08S Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
DF SERIES
Bulletin U2788 rev. G 04/03
www.irf.com
All dimensions in millimetres(inches)
DF..S
DF..M
3.5(0.138)
1.5(0.059)
1.5(0.059)
Footprint and Pad Dimensions
6.40(0.252)
6.10(0.240)
6.40(0.252)
6.10(0.240)
8.40(0.331)
8.10(0.319)
8.40(0.331)
8.10(0.319)
3.30(0.130)
3.10(0.122)
3.30(0.130)
3.10(0.122)
1.2(0.047)
1.0(0.040)
1.2(0.047)
1.0(0.040)
0.51(0.020)
0.41(0.016)
1.40(0.055)
1.14(0.045)
1.40(0.055)
1.14(0.045)
5.33(0.210)
4.83(0.210)
2.00(0.079)
16.0(0.630)
330(12.99)
3.50(0.138)
Identification Label
Unreel Direction
5.33(0.210)
4.83(0.210)
2.80(0.110)
1.60(0.063)
8.13(0.320)
7.11(0.280)
8.38(0.330)
7.62(0.300)
10.4 (0.409)
Max.
5.10(0.201)
Max.
+
+
9a
9b
Tape Reel
2.1(0.083)
1.9(0.075)
1.60(0.063)
1.50(0.060)
16.3(0.642)
15.7(0.618)
7.6(0.299)
7.4(0.291)
10.70(0.421)
12.10(0.476)
11.90(0.469)
3.8(0.150)
8.7(0.343)
5o
4.10(0.161)
3.90(0.154)
0.35(0.014)
0.25(0.010)
dia.
Tape Colour - Black
2.0(0.079)
2.0(0.079)
8.0(0.315)
Tape Reel Dimensions for DF15...TRR16
0.30(0.012)
Max.


Similar Part No. - DF08S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF08S WTE-DF08S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SynSemi, Inc.
DF08S SYNSEMI-DF08S Datasheet
444Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Recitifiers
logo
DAESAN ELECTRONIC CORP.
DF08S DAESAN-DF08S Datasheet
236Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Vishay Siliconix
DF08S VISHAY-DF08S Datasheet
95Kb / 5P
   Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifiers
01-Jan-2022
logo
Gulf Semiconductor
DF08S GULFSEMI-DF08S Datasheet
84Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
More results

Similar Description - DF08S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1BQ20 IRF-1BQ20 Datasheet
117Kb / 2P
   1A SINGLE PHASE D.I.L SCHOTTKY BRIDGE
logo
Gulf Semiconductor
DB101 GULFSEMI-DB101 Datasheet
67Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
DB101S GULFSEMI-DB101S Datasheet
93Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
DF005S GULFSEMI-DF005S Datasheet
84Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
LLB005 GULFSEMI-LLB005 Datasheet
131Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Sanyo Semicon Device
DBB10 SANYO-DBB10 Datasheet
40Kb / 2P
   1.0A Single-Phase Bridge Rectifier
DBF10 SANYO-DBF10 Datasheet
38Kb / 2P
   1.0A Single-Phase Bridge Rectifier
DBD10 SANYO-DBD10 Datasheet
20Kb / 3P
   1.0A Single-Phase Bridge Rectifier
DBA10 SANYO-DBA10 Datasheet
36Kb / 2P
   1.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
B40C1000 WTE-B40C1000_06 Datasheet
46Kb / 4P
   1.0A SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com