Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP11RD1CQE Datasheet(PDF) 5 Page - ITT Industries

Part # EP11RD1CQE
Description  Sealed Tiny Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

EP11RD1CQE Datasheet(HTML) 5 Page - ITT Industries

  EP11RD1CQE Datasheet HTML 1Page - ITT Industries EP11RD1CQE Datasheet HTML 2Page - ITT Industries EP11RD1CQE Datasheet HTML 3Page - ITT Industries EP11RD1CQE Datasheet HTML 4Page - ITT Industries EP11RD1CQE Datasheet HTML 5Page - ITT Industries EP11RD1CQE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
A–11
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A
C&K EP Series
Sealed Tiny Pushbutton Switches
TERMINATIONS
CONTACT MATERIAL
SEAL
PC MOUNTING
V31 SNAP-IN
PC MOUNTING
EP11 Models:
omit centerhole.
V3
VERTICAL MOUNT, V-BRACKET
V31
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V3
VERTICAL MOUNT, V-BRACKET
E EPOXY SEAL
EP12SD1V3BE
SPDT
EP21SD1V3BE
DPST
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
7 TERMINALS: Copper alloy, with matte tin over nickel plate.
NOTE: Any models supplied with Q, B P, S ,R or G contact material are RoHS compliant. For
the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options when ordered with G, L, M, S, R or Q contact material.
EP11 Models:
omit terminal 2.
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
SILVER 5
TIN-LEAD 6
MATTE-TIN 7
GOLD 1
SILVER 4,5
GOLD OVER SILVER 2,3
GOLD 3
TIN-LEAD 6
MATTE-TIN 7
GOLD 1
TIN-LEAD 6
MATTE-TIN 7
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
NO
YES
YES
NO
YES
YES
NO
YES
LOW LEVEL/DRY CIRCUIT
POWER
LOW LEVEL/DRY
CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
1 AMP @ 120 V AC OR 28 V DC.
0.4 VA MAX @ 20 V AC OR DC MAX. OR
1 AMP @ 120 V AC OR 28 V DC.
B
K
P
Q
M
S
G
L
R
RATINGS
RoHS
COMPLIANT *
RoHS
COMPATIBLE *


Similar Part No. - EP11RD1CQE

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EP11 POWERINT-EP11 Datasheet
1Mb / 46P
   Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
logo
Ecliptek Corporation
EP11 ECLIPTEK-EP11 Datasheet
117Kb / 2P
   OSCILLATOR
logo
Power-One
EP1101-7R POWER-ONE-EP1101-7R Datasheet
72Kb / 5P
   120...195 Watt DC-DC Converters
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
Eorex Corporation
EP1117 EOREX-EP1117 Datasheet
340Kb / 10P
   1A Low Dropout Linear Regulator
More results

Similar Description - EP11RD1CQE

ManufacturerPart #DatasheetDescription
logo
C&K Components
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
   Sealed Tiny Pushbutton Switches
5 Aug 20
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP12SD1CBE CK-COMPONENTS-EP12SD1CBE Datasheet
439Kb / 6P
   EP Series Sealed Tiny Pushbutton Switches
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
logo
ITT Industries
TP11SHZQE ITT-TP11SHZQE Datasheet
687Kb / 6P
   Tiny Pushbutton Switches
logo
C&K Components
TP21SH8CQE CK-COMPONENTS-TP21SH8CQE Datasheet
429Kb / 6P
   Tiny Pushbutton Switches
TP CK-COMPONENTS-TP_V01 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
5 Aug 20
TP11SHABE22 CK-COMPONENTS-TP11SHABE22 Datasheet
518Kb / 6P
   Tiny Pushbutton Switches
465805000 CK-COMPONENTS-465805000 Datasheet
528Kb / 7P
   TP Series Tiny Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com