Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG541AP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG541AP
Description  Wideband/Video T Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG541AP Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG541AP Datasheet HTML 3Page - Vishay Siliconix DG541AP Datasheet HTML 4Page - Vishay Siliconix DG541AP Datasheet HTML 5Page - Vishay Siliconix DG541AP Datasheet HTML 6Page - Vishay Siliconix DG541AP Datasheet HTML 7Page - Vishay Siliconix DG541AP Datasheet HTML 8Page - Vishay Siliconix DG541AP Datasheet HTML 9Page - Vishay Siliconix DG541AP Datasheet HTML 10Page - Vishay Siliconix DG541AP Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DG540/541/542
Vishay Siliconix
Document Number: 70055
S-00399—Rev. G, 13-Sep-99
www.vishay.com
S FaxBack 408-970-5600
4-7
TEST CIRCUITS
FIGURE 2. Switching Time
RL
RL + rDS(on)
VO = VS
CL (includes fixture and stray capacitance)
V–
V+
IN
S
CL
35 pF
D
3 V
RL
1 k
W
VO
–3 V
GND
+15 V
3 V
0
90%
50%
tOFF
tON
VS
tr <20 ns
tf <20 ns
Logic
Input
Switch
Input
Switch
Output
C
+15 V
FIGURE 3. Charge Injection
ON
ON
OFF
VO
DVO
INX
DVO = measured voltage error due to charge injection
The charge injection in coulombs is
DQ = CL x DVO
CL
1000 pF
3 V
Vg
VO
–3 V
D
GND
V+
Rg
S
IN
V–
+15 V
FIGURE 4. Off Isolation
S
IN
RL
75
W
D
Rg = 75 W
VS
VO
0 V, 2.4 V
Off Isolation = 20 log
VS
VO
V+
–3 V
GND
V–
C
C
+15 V
C = RF Bypass
S
RL
50
W
D
Rg = 50 W
VS
VO
–3 V
GND
V+
V–
C
FIGURE 5. Bandwidth
IN
0 V, 2.4 V


Similar Part No. - DG541AP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG541AP TEMIC-DG541AP Datasheet
154Kb / 10P
   Wideband/Video T Switches
logo
Vishay Siliconix
DG541AP VISHAY-DG541AP Datasheet
243Kb / 18P
   Wideband/Video "T" Switches
Rev. H, 18-Jul-11
DG541AP-883 VISHAY-DG541AP-883 Datasheet
243Kb / 18P
   Wideband/Video "T" Switches
Rev. H, 18-Jul-11
logo
TEMIC Semiconductors
DG541AP/883 TEMIC-DG541AP/883 Datasheet
154Kb / 10P
   Wideband/Video T Switches
More results

Similar Description - DG541AP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG540 TEMIC-DG540 Datasheet
154Kb / 10P
   Wideband/Video T Switches
logo
Vishay Siliconix
DG540 VISHAY-DG540_11 Datasheet
243Kb / 18P
   Wideband/Video "T" Switches
Rev. H, 18-Jul-11
DG540 VISHAY-DG540_V01 Datasheet
253Kb / 18P
   Wideband/Video ?쏷??Switches
08-Feb-17
DG641 VISHAY-DG641_11 Datasheet
321Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
logo
Analog Devices
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com