Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MF0064M-07BTXX Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. MF0064M-07BTXX
Description  8/16-bit Data Bus Flash ATA PC Card
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MF0064M-07BTXX Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
MITSUBISHI STORAGE CARD
MF0XXXX-07BTXX / -07BFXX series
ATA PC CARDS
Jun.2000. Rev. 1.0
MITSUBISHI
ELECTRIC
4/31
Signal Description(Continued)
Signal Name
I/O
Pin No.
Description
Attribute Memory Select[REG#]
(PC Card Memory Mode)
I
61
When this signal is asserted, access is limited to
Attribute Memory with OE#/WE# and I/O Space
with
Attribute Memory Select[REG#]
(PC Card I/O Mode)
IORD#/IOWR#.
Attribute Memory Select[REG#]
(IDE ATA Interface)
This input signal is not used for this mode and
should be connected to Vcc by the host.
Battery Voltage Detect[BVD2]
(PC Card Memory Mode)
O
62
This output is driven to a high-level.
Audio Digital Waveform[SPKR#]
(PC Card I/O Mode)
SPKR# is kept negated because this Card does not
have digital audio output.
DASP#
(IDE ATA Interface)
I/O
This signal is the DISK Active/Slave Present signal
in the Master/Slave handshake protocol.
Card Reset[RESET]
(PC Card Memory Mode)
I
58
By assertion of this signal, all registers of this Card
are cleared. This signal should be kept to High-Z by
Card Reset[RESET]
(PC Card I/O Mode)
the host for at least 1ms after Vcc applied.
Card Reset[RESET#]
(IDE ATA Interface)
This input pin is the active low hardware reset from
the host.
Wait[WAIT#]
(PC card Memory Mode)
O
59
This signal is asserted to delay completion of the
memory or I/O access cycle.
Wait[WAIT#]
(PC card I/O Mode)
IORDY
(IDE ATA Interface)
Input Port Acknowledge[INPACK#]
(PC Card I/O Mode)
O
60
This signal is asserted when the Card is selected
and can respond to an I/O Read cycle at the
Input Port Acknowledge[INPACK#]
(IDE ATA Interface)
address on the address bus.
Battery Voltage Detect[BVD1]
(PC Card Memory Mode)
O
63
This output is driven to a high-level.
STSCHG#
(PC Card I/O Mode)
This signal is asserted low to alert the host to
changes in the status of Configuration Status
Register in the Attribute Memory Space.
PDIAG#
(IDE ATA Interface)
I/O
This signal is the Pass Diagnostic signal in the
Master/Slave handshake protocol.
Voltage Sense[VS1, VS2]
O
43, 57
VS1 is grounded so that the Card CIS can be read
at 3.3V and VS2 is N.C.
Cable Select[CSEL]
(PC card Memory Mode)
-
56
This signal is not used for this mode.
Cable Select[CSEL]
(PC card I/O Mode)
-
Cable Select[CSEL]
(IDE ATA Interface)
I
This signal is used to configure this Card as a
Master or a Slave. When this signal is grounded,
this Card is configured as a Master. When this
signal is Open, this Card is configure as a Slave.
Vcc
-
17, 51
5V or 3.3V power.
GND
-
1, 34, 35, 68
Ground.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MF0032M-11ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0064M-07ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF007M5-03ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF82M1-GMCAVXX8/16-bit Data Bus Flash Memory Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0032M-04AAXX8/16-bit Data Bus CompactFlash Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0032M-05AAXX8/16-bit Data Bus CompactFlash Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
HB2881000A5FLASH ATA Card 1 GByte 1 2 3 4 5 MoreHitachi Semiconductor
MF0064M-04BAXX8/16-bit Data Bus CompactFlash Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
HB2881000A6FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
HB288800A5FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn