Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MF0064M-07BTXX Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. MF0064M-07BTXX
Description  8/16-bit Data Bus Flash ATA PC Card
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MF0064M-07BTXX Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
MITSUBISHI STORAGE CARD
MF0XXXX-07BTXX / -07BFXX series
ATA PC CARDS
Jun.2000. Rev. 1.0
MITSUBISHI
ELECTRIC
3/31
Signal Description
Signal Name
I/O
Pin No.
Description
Address bus[A10-A0]
I
8, 11, 12, 22,
23, 24, 25, 26,
27, 28, 29
Signals A10-A0 are address bus. A0 is invalid in
word mode. A10 is the MSB and A0 is the LSB.
Data bus[D15-D0]
I/O
41, 40, 39, 38,
37, 66, 65, 64,
6, 5, 4, 3,
Signals D15-D0 are data bus. D0 is the LSB of the
Even Byte of the Word. D8 is the LSB of the Odd
Byte of the Word.
2 ,32,31, 30
Card Enable[CE1#, CE2#]
(PC Card Memory Mode)
I
7, 42
CE1# and CE2# are low active card select signals.
Card Enable[CE1#, CE2#]
(PC Card I/O Mode)
Chip Select[CS0#, CS1#]
(IDE ATA Interface)
In IDE ATA Interface, CS0# is used to select the
Command Block Registers. CS1# is used to select
the Control Block Registers.
Output Enable[OE#]
(PC Card Memory Mode)
I
9
OE# is used to gate Attribute and Common
Memory Read data from the ATA Card.
Output Enable[OE#]
(PC Card I/O Mode)
OE# is used to gate Attribute Memory Read data
from the ATA Card.
ATA SEL#
(IDE ATA Interface)
To enable IDE ATA Interface, this input should be
grounded by the host.
Write Enable[WE#]
(PC Card Memory Mode)
I
15
WE# is used for strobing Attribute and Common
Memory Write data into the ATA Card.
Write Enable[WE#]
(PC Card I/O Mode)
WE# is used for strobing Attribute Memory Write
data into the ATA Card.
Write Enable[WE#]
(IDE ATA Interface)
This input should be connected Vcc by the host.
I/O Read[IORD#]
(PC Card I/O Mode)
I
44
IORD# is used to read data from the Card’s I/O
space.
I/O Read[IORD#]
(IDE ATA Interface)
I/O Write[IOWR#]
(PC Card I/O Mode)
I
45
IOWR# is used to write data to the Card’s I/O
space.
I/O Write[IOWR#]
(IDE ATA Interface)
Ready[READY]
(PC Card Memory Mode)
O
16
READY signal is set high when the ATA Card is
ready to accept a new data transfer operation.
IREQ#
(PC Card I/O Mode)
This signal of low level is indicates that the card is
requesting software service to host, and high level
indicates that the card is not requesting.
INTRQ
(IDE ATA Interface)
This signal is active high interrupt request to the
host.
Card Detection[CD1#, CD2#]
O
36, 67
CD1# and CD2# provided for proper detection of
PC Card insertion.
Write Protect[WP]
(PC Card Memory Mode)
O
33
This signal is held low because this card does not
have a write protect switch.
IOIS16#
(PC Card I/O Mode)
This output signal is asserted when the I/O port
address is capable of 16-bit access.
IOCS16#
(IDE ATA Interface)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MF0032M-11ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0064M-07ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF007M5-03ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF82M1-GMCAVXX8/16-bit Data Bus Flash Memory Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0032M-04AAXX8/16-bit Data Bus CompactFlash Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0032M-05AAXX8/16-bit Data Bus CompactFlash Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
HB2881000A5FLASH ATA Card 1 GByte 1 2 3 4 5 MoreHitachi Semiconductor
MF0064M-04BAXX8/16-bit Data Bus CompactFlash Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
HB2881000A6FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
HB288800A5FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn