Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2011U2WM02NB2 Datasheet(PDF) 3 Page - ITT Industries

Part # P2011U2WM02NB2
Description  Low Profile Key Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

P2011U2WM02NB2 Datasheet(HTML) 3 Page - ITT Industries

  P2011U2WM02NB2 Datasheet HTML 1Page - ITT Industries P2011U2WM02NB2 Datasheet HTML 2Page - ITT Industries P2011U2WM02NB2 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
L–50
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K P Series
Low Profile Key Switches
FINISH
TERMINATIONS
MOUNTING STYLE
SEAL
PANEL MOUNTING
.760 DIA.
(19,30 )
.640
(16,26)
Nut part number: 175050700
3/4-24 UNS
1.010
(25,65)
.875
(22,23)
.125 thk.
(3,18)
EPOXY
.075 MAX.
(1,91)
.020 THK,
(0,51)
.210
(5,33)
.062
(1,57)
.050
(1,27)
.080
(2,03)
.020 THK,
(0,51)
.224
(5,89)
.080
(2,03)
.046
(1,17)
.085
(2,16)
.50
(12,7)
22 AWG
INSULATED
WIRE
6.00
(15,24)
PC MOUNTING
.062 DIA.
TYP
.420 DIA
(10,67 )
45?
TYP.
CONTACT MATERIAL
E
EPOXY SEAL
NONE
NO SEAL
N
WITH NUT
02
PC THRU-HOLE
WC
WIRE LEAD
03
SOLDER LUG WITH HOLE
M
MATTE FINISH
.215 (5,46) max.
N (with nut)
PANEL THICKNESS
MOUNTING
STYLE
Black wire standard, other
colors, gages, and lengths
available, consult Customer
Service Center. UL style 1015.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated (Standard with all
termination options).
3 CONTACTS & TERMINALS: Copper, with gold plate over silver plate.
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
NOTE: ‘G’ contact material is equivalent to both ‘B’ and ‘Q” contact materials.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
4 AMPS @ 125 V AC or 28 V DC;
2 AMPS @ 250 AC V AC (UL/CSA).
LOW LEVEL/DRY CIRCUIT
B
SILVER
2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
LOW LEVEL/DRY CIRCUIT
OR POWER
G
YES
YES
GOLD
1
GOLD OVER SILVER
3
0.4 VA MAX. @ 20 V AC or DC MAX. or 4 AMPS @ 125 V AC
or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA)


Similar Part No. - P2011U2WM02NB2

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
P2011 NKK-P2011 Datasheet
137Kb / 4P
   General Specifications
logo
C&K Components
P20113 CK-COMPONENTS-P20113 Datasheet
535Kb / 4P
   4 Tumbler Snap-in Switchlocks
28 Jan 21
logo
ITT Industries
P201132CM03G2 ITT-P201132CM03G2 Datasheet
370Kb / 4P
   4 Tumbler Snap-in Switchlocks
P201132CM03G22 ITT-P201132CM03G22 Datasheet
370Kb / 4P
   4 Tumbler Snap-in Switchlocks
More results

Similar Description - P2011U2WM02NB2

ManufacturerPart #DatasheetDescription
logo
C&K Components
P101133WM03NQE2 CK-COMPONENTS-P101133WM03NQE2 Datasheet
176Kb / 3P
   Low Profile Key Switches
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
   Key Switches
logo
ITT Industries
K6B1.53N ITT-K6B1.53N Datasheet
197Kb / 3P
   Miniature Key Switches
logo
C&K Components
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
   Miniature Key Switches
logo
Tyco Electronics
2SWK MACOM-2SWK Datasheet
295Kb / 4P
   Key Switches, Medium Security
logo
C&K Components
D6C90F1FS CK-COMPONENTS-D6C90F1FS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
D6F90F1LFS CK-COMPONENTS-D6F90F1LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
D6C00F1LFS CK-COMPONENTS-D6C00F1LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
KS11R22CQD CK-COMPONENTS-KS11R22CQD Datasheet
167Kb / 3P
   Single Pole Key Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com