Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P200AFTCMWCG22 Datasheet(PDF) 3 Page - ITT Industries

Part # P200AFTCMWCG22
Description  4 Tumbler Snap-in Switchlocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

P200AFTCMWCG22 Datasheet(HTML) 3 Page - ITT Industries

  P200AFTCMWCG22 Datasheet HTML 1Page - ITT Industries P200AFTCMWCG22 Datasheet HTML 2Page - ITT Industries P200AFTCMWCG22 Datasheet HTML 3Page - ITT Industries P200AFTCMWCG22 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M
M–20
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
LOCK FINISH
TERMINATIONS
CONTACT MATERIAL
.020 THK.
(0,51)
.080
(2,03)
.046
(1,17)
.085
(2,16)
.246
(6,24)
.100
(2,54)
PC MOUNTING
PANEL MOUNTING
Panel Thickness: .100- .200 (2,54-5,08)
03
SOLDER LUG
WC
WIRE LEAD
C
4 TUMBLER LOCK WITH DETENT
M
PLASTIC LOCK WITH MATTE FINISH
2
BLACK
LOCK COLOR
OPTION
CODE
Black wire standard, other colors, gages
and lengths available, consult Customer
Service Center. UL style 1015.
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
2 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options).
3 CONTACTS & TERMINALS: Copper, with gold plate over silver plate.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
C&K P Series
4 Tumbler Snap-in Switchlocks
LOCK TYPE
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
4 AMPS @ 125 V AC; 1 AMP @ 250 V AC (UL/CSA)
LOW LEVEL/DRY CIRCUIT
OR POWER
G
SILVER
2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX. or 4 AMPS @ 125 V AC;
1 AMP @ 250 V AC (UL/CSA)
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
GOLD OVER SILVER
3


Similar Part No. - P200AFTCMWCG22

ManufacturerPart #DatasheetDescription
logo
C&K Components
P200AF CK-COMPONENTS-P200AF Datasheet
535Kb / 4P
   4 Tumbler Snap-in Switchlocks
28 Jan 21
More results

Similar Description - P200AFTCMWCG22

ManufacturerPart #DatasheetDescription
logo
C&K Components
P CK-COMPONENTS-P Datasheet
535Kb / 4P
   4 Tumbler Snap-in Switchlocks
28 Jan 21
PM CK-COMPONENTS-PM Datasheet
385Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
27 Jun 22
PF011UEBM03KQ22 CK-COMPONENTS-PF011UEBM03KQ22 Datasheet
202Kb / 4P
   5 Tumbler Miniature Snap-in Switchlocks
logo
ITT Industries
PF011UEBM03KQ22 ITT-PF011UEBM03KQ22 Datasheet
282Kb / 4P
   5 Tumbler Miniature Snap-in Switchlocks
PM0613EBM05KQ22 ITT-PM0613EBM05KQ22 Datasheet
260Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
logo
C&K Components
PM0613EBM05KQ22 CK-COMPONENTS-PM0613EBM05KQ22 Datasheet
181Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com