Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CV211-1A Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # CV211-1A
Description  PCS/DCS-band Dual-Branch Downconverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV211-1A Datasheet(HTML) 4 Page - WJ Communication. Inc.

  CV211-1A Datasheet HTML 1Page - WJ Communication. Inc. CV211-1A Datasheet HTML 2Page - WJ Communication. Inc. CV211-1A Datasheet HTML 3Page - WJ Communication. Inc. CV211-1A Datasheet HTML 4Page - WJ Communication. Inc. CV211-1A Datasheet HTML 5Page - WJ Communication. Inc. CV211-1A Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 6 December 2005
CV211-1A
PCS/DCS-band Dual-Branch Downconverter
Product Information
The Communications Edge
TM
CV211-1APCB240 Application Circuit Performance Plots
ConversionGainvs IFFrequency
LO= 0 dBm, 1640 MHz
7
8
9
10
11
12
215
225
235
245
255
265
IFFrequency (MHz)
-40 deg C
+25 deg C
+85 deg C
Input IP3 vs IF Frequency
LO= 0 dBm, 1640 MHz
24
26
28
30
32
34
215
225
235
245
255
265
IFFrequency (MHz)
-40 deg C
+25 deg C
+85 deg C
Input IP2 vs IF Frequency
LO= 0 dBm, 1640 MHz
32
34
36
38
40
42
215
225
235
245
255
265
IFFrequency (MHz)
-40 deg C
+25 deg C
+85 deg C
ConversionGainvs RF Frequency
25 deg C, IF = 240 MHz
7
8
9
10
11
12
1700
1750
1800
1850
1900
1950
2000
RFFrequency (MHz)
LO= -2.5 dBm
LO= 0 dBm
LO= 2.5 dBm
Input IP3 vs RFFrequency
25 deg C, IF = 240 MHz
24
26
28
30
32
34
1700
1750
1800
1850
1900
1950
2000
RFFrequency (MHz)
LO= -2.5 dBm
LO= 0 dBm
LO= 2.5 dBm
Input IP2 vs RFFrequency
25 deg C, IF = 240 MHz, low-side LO
32
34
36
38
40
42
1700
1750
1800
1850
1900
1950
2000
RFFrequency (MHz)
LO= -2.5 dBm
LO= 0 dBm
LO= 2.5 dBm
ConversionGainvs RF Frequency
LO= 0 dBm, IF = 240 MHz, low-side LO
7
8
9
10
11
12
1700
1750
1800
1850
1900
1950
2000
RFFrequency (MHz)
-40 deg C
+25 deg C
+85 deg C
Input IP3 vs RFFrequency
LO= 0 dBm, IF = 240 MHz, low-side LO
24
26
28
30
32
34
1700
1750
1800
1850
1900
1950
2000
RFFrequency (MHz)
-40 deg C
+25 deg C
+85 deg C
Input IP2 vs RFFrequency
LO= 0 dBm, IF = 240 MHz, low-side LO
32
34
36
38
40
42
1700
1750
1800
1850
1900
1950
2000
RFFrequency (MHz)
-40 deg C
+25 deg C
+85 deg C
ConversionGainvs RF Frequency
25 deg C, LO= 0 dBm, IF= 240 MHz, low-side LO
7
8
9
10
11
12
1700
1750
1800
1850
1900
1950
2000
RFFrequency (MHz)
Vdd = 4.9 V
Vdd = 5.0 V
Vdd = 5.1 V
Input IP3 vs RFFrequency
25 deg C, LO= 0 dBm, IF= 240 MHz, low-side LO
24
26
28
30
32
34
1700
1750
1800
1850
1900
1950
2000
RFFrequency (MHz)
Vdd = 4.9 V
Vdd = 5.0 V
Vdd = 5.1 V
Input IP2 vs RFFrequency
25 deg C, LO= 0 dBm, IF= 240 MHz, low-side LO
32
34
36
38
40
42
1700
1750
1800
1850
1900
1950
2000
RFFrequency (MHz)
Vdd = 4.9 V
Vdd = 5.0 V
Vdd = 5.1 V


Similar Part No. - CV211-1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A Datasheet
399Kb / 9P
   UMTS/WiMax-band Dual-Branch Downconverter
CV211-2AF WJCI-CV211-2AF Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
CV211-2AF WJCI-CV211-2AF Datasheet
399Kb / 9P
   UMTS/WiMax-band Dual-Branch Downconverter
More results

Similar Description - CV211-1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV111-1 ETC-CV111-1 Datasheet
254Kb / 4P
   PCS/DCS-band High Linearity Downconverter
logo
WJ Communication. Inc.
CV111-1A WJCI-CV111-1A Datasheet
238Kb / 4P
   PCS/DCS-band High Linearity Downconverter
CV111-1A WJCI-CV111-1A_07 Datasheet
274Kb / 4P
   PCS/DCS-band High Linearity Downconverter
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV211-3 ETC1-CV211-3 Datasheet
391Kb / 7P
   UMTS-band Dual-Branch Downconverter
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com