Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2UAORAU Datasheet(PDF) 6 Page - ITT Industries

Part # F2UAORAU
Description  Pushbutton Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

F2UAORAU Datasheet(HTML) 6 Page - ITT Industries

Back Button F2UAORAU Datasheet HTML 2Page - ITT Industries F2UAORAU Datasheet HTML 3Page - ITT Industries F2UAORAU Datasheet HTML 4Page - ITT Industries F2UAORAU Datasheet HTML 5Page - ITT Industries F2UAORAU Datasheet HTML 6Page - ITT Industries F2UAORAU Datasheet HTML 7Page - ITT Industries F2UAORAU Datasheet HTML 8Page - ITT Industries F2UAORAU Datasheet HTML 9Page - ITT Industries F2UAORAU Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
A–94
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K F Series
Pushbutton Switches
SOLID BUTTON
F14
FU12
F13
FSD
F12
FSC
F02
FG
F01
FMR
STYLE
01
BLACK
02
WHITE
03
RED
04
LT. GRAY
COLOR
OPTION CODE
STYLE
COLOR
A


Similar Part No. - F2UAORAU

ManufacturerPart #DatasheetDescription
logo
C&K Components
F2UAORTB01AMAUB CK-COMPONENTS-F2UAORTB01AMAUB Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F2UAORTB01AMAUC CK-COMPONENTS-F2UAORTB01AMAUC Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F2UAORTB01BMAUB CK-COMPONENTS-F2UAORTB01BMAUB Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F2UAORTB01BMAUC CK-COMPONENTS-F2UAORTB01BMAUC Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
More results

Similar Description - F2UAORAU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com