Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E225SD3V3PE Datasheet(PDF) 5 Page - ITT Industries

Part # E225SD3V3PE
Description  Sealed Snap-acting Momentary Pushbutton Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E225SD3V3PE Datasheet(HTML) 5 Page - ITT Industries

  E225SD3V3PE Datasheet HTML 1Page - ITT Industries E225SD3V3PE Datasheet HTML 2Page - ITT Industries E225SD3V3PE Datasheet HTML 3Page - ITT Industries E225SD3V3PE Datasheet HTML 4Page - ITT Industries E225SD3V3PE Datasheet HTML 5Page - ITT Industries E225SD3V3PE Datasheet HTML 6Page - ITT Industries E225SD3V3PE Datasheet HTML 7Page - ITT Industries E225SD3V3PE Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A–23
C&K E020 Series
Sealed Snap-acting Momentary Pushbutton Switches
TERMINATIONS
SNAP-IN
Dim 'A'
PC MOUNTING
SNAP-IN
Dim 'A'
PC MOUNTING
1
C
2
NO
3
NC
(0,76) (1,27)
.030 X .050 TYP.
.122 DIA.
.185
(4,70)
DIM ’A’
.250
(6,35)
.360
(9,14)
.192
(4,88)
.180
(4,57)
.020 TYP.
(0,51)
.185 TYP.
(4,70)
.750
(19,05)
.050
(1,27)
.060 MAX.
(1,53)
C&K MARKING ON
OPPOSITE SIDE
PC MOUNTING
V31, V41
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V3, V4
VERTICAL MOUNT, V-BRACKET
V31, V41
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V3, V4
VERTICAL MOUNT, V-BRACKET
V6, V8
VERTICAL MOUNT, V-BRACKET
V61, V81
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V3, V31
.460 (11,68)
V4, V41
.630 (16,00)
DIM ‘A’
OPTION
CODE
V6, V61
.460 (11,68)
V8, V81
.953 (24,21)
DIM ‘A’
OPTION
CODE
V3, V31
.460 (11,68)
V4, V41
.630 (16,00)
DIM ‘A’
OPTION
CODE
E121SD3__GE
SPDT
E221SD3__GE
DPDT
E121SD3V__GE
SPDT
A


Similar Part No. - E225SD3V3PE

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E225 GILWAY-E225 Datasheet
71Kb / 2P
   Rectangular LEDs
logo
MicroPower Direct, LLC
E225 MPD-E225 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
Sharp Corporation
E2251T SHARP-E2251T Datasheet
46Kb / 2P
   PAL Format Electronic Television Modulators
logo
General Cable Technolog...
E2252S GENERAL-E2252S Datasheet
74Kb / 1P
   2C 14 19/0.0147 BC FLEX OAS FLEX Sound, Alarm & Security Cable
E2254S GENERAL-E2254S Datasheet
74Kb / 1P
   4C 14 19/0.0147 BC FLEX OAS FLEX Sound, Alarm & Security Cable
More results

Similar Description - E225SD3V3PE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
   Snap-acting Momentary Pushbutton Switches
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com