Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLR-342VR Datasheet(PDF) 1 Page - Rohm

Part # SLR-342VR
Description  3.1(T-1) Circular Type Standard Type Angle 2 1/2 : 40>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-342VR Datasheet(HTML) 1 Page - Rohm

  SLR-342VR Datasheet HTML 1Page - Rohm SLR-342VR Datasheet HTML 2Page - Rohm SLR-342VR Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Emitting Color
Material
Emitting Surface
Dimension(mm)
Part No.
Directivity (Typ.)
Dimensions (Unit:mm)
Absolute Maximum Ratings (Ta=25
∞C)
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Electrical Optical Characteristics (Ta=25
∞C)
:Duty
1/ 5, pulse width
1ms.
Note) SLR-342 series are available with forming taping style. For the bulk and straight taping style, we would recommend our
SLR-343(LEDs with Pressure Release Structure)
Tolerance:
±0.2
RELATIVE LUMINOUS INTENSITY (%)
(2.5)
CATHODE
diffused
clear
Recommended Pad Layout
1.0
2.0
±0.1
Packaging Specifications (Unit:mm)
Formed Lead Type
Packaging
Tape:2000pcs/Box
158
48
340
Forming H1 Dimensions(mm)
TB7
8.9
TC7
9.9
TE7
11.9
TF7
12.9
TG7
13.9
TH7
14.9
TJ7
15.9
SLR-342MC
SLR-342MG
SLR-342YC
SLR-342YY
SLR-342DC
SLR-342DU
SLR-342VC
SLR-342VR
60
20
60
3
-30 to +100
-25 to +85
75
25
SLR-342MC
SLR-342MG
SLR-342YC
SLR-342YY
SLR-342DC
SLR-342DU
SLR-342VC
SLR-342VR
10
10
3
563
585
610
650
9.0
9.0
25
3.6
10
25
9.0
25
5.6
16
5.6
16
5.6
16
40
10
10
2.1
2.0
6.35
±0.4
0
±1.0
0
±2.0
12.7
±1.0
φ4.0±0.2
φ3.1±0.2
12.7
±0.3
3.85
±0.8
5.0
±0.8
(2.5)
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
VR
(V)
∆λ
(Unit:mm)
SLR-342 Series
φ 3.1
Green(Yellowish Green)
Yellow
Orange
Red
SLR-342MC
SLR-342MG
SLR-342YC
SLR-342YY
SLR-342DC
SLR-342DU
SLR-342VC
SLR-342VR
GaP
GaAsP on GaP
Angular Displacement (deg)
Yellow
Orange
Red
2-
0.4
±0.1
4-0.5
+0.2
-0.1
φ3.1(T-1) Circular Type Standard Type
<Viewing Angle 2
θ1/2 : 40°>
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Storage
temperature
Tstg
(
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave
Green
(Yellowish Green)
Transparent
Colored
Diffused
Colored
Transparent
Colored
Diffused
Colored
Transparent
Colored
Diffused
Colored
Transparent
Colored
Diffused
Colored
φ3.8±0.3
φ3.5
φ3.1
Rev.C


Similar Part No. - SLR-342VR

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-342VR ROHM-SLR-342VR Datasheet
878Kb / 4P
   Viewing angle 2 1/2 : 40 Series
SLR-342VR ROHM-SLR-342VR Datasheet
878Kb / 4P
   SLR-342 Series
SLR-342VR ROHM-SLR-342VR Datasheet
123Kb / 3P
   ?3.1(T-1) Circular Type Standard Type
SLR-342VR ROHM-SLR-342VR Datasheet
878Kb / 4P
   ROHM Customer Support System
SLR-342VR ROHM-SLR-342VR Datasheet
878Kb / 4P
   Rank Reference of Brightness
More results

Similar Description - SLR-342VR

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR343WBC7T ROHM-SLR343WBC7T Datasheet
94Kb / 2P
   3.1(T-1) Circular Type Standard Type
SLR-342VC3FQ ROHM-SLR-342VC3FQ Datasheet
123Kb / 3P
   ?3.1(T-1) Circular Type Standard Type
SLR343 ROHM-SLR343_1 Datasheet
117Kb / 3P
   ?3.1(T-1) Circular Type High Brightness Type
SLR-332 ROHM-SLR-332 Datasheet
158Kb / 3P
   3.2(T-1) Circular Type Standard Type (Viewing Angle 21/2 : 85)
SLI-343P8C ROHM-SLI-343P8C Datasheet
185Kb / 5P
   3.1(T-1) Circular Type Standard Type
SLA560WB ROHM-SLA560WB Datasheet
97Kb / 2P
   ?5.0(T-1 3/4) Circular Type Standard Type
SLR-56 ROHM-SLR-56 Datasheet
152Kb / 3P
   phi5.0(T-1 3/4) Circular Type Standard Type
SLA-360MT ROHM-SLA-360MT Datasheet
141Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
SLI-343URC3FWT ROHM-SLI-343URC3FWT Datasheet
132Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com