Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CV210-2A Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # CV210-2A
Description  Cellular-band Dual-Branch Downconverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV210-2A Datasheet(HTML) 2 Page - WJ Communication. Inc.

  CV210-2A Datasheet HTML 1Page - WJ Communication. Inc. CV210-2A Datasheet HTML 2Page - WJ Communication. Inc. CV210-2A Datasheet HTML 3Page - WJ Communication. Inc. CV210-2A Datasheet HTML 4Page - WJ Communication. Inc. CV210-2A Datasheet HTML 5Page - WJ Communication. Inc. CV210-2A Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj..com
Page 2 of 6 March 2006
CV210-2A
Cellular-band Dual-Branch Downconverter
Product Information
The Communications Edge
TM
Device Architecture / Application Circuit Information
Typical Downconverter Performance Chain Analysis (Each Branch)
Cumulative Performance
Stage
Gain
(dB)
Input
P1dB
(dBm)
Input
IP3
(dBm)
NF
(dB)
Current
(mA)
Gain
(dB)
Input
P1dB
(dBm)
Input
IP3
(dBm)
NF
(dB)
LO Amp / MMIC Mixer
-9
11
30
9.3
85
-9
11
30
9.3
IF Amplifier
19
2
22
1.8
150
10
8
27.5
11
CV210-2A
Cumulative Performance
385*
10
+8
+27.5
11
*
The 2
nd branch includes another mixer and IF amplifier, which increases the total current consumption
of the MCM to be 385 mA.
CV210-2A: The application circuit can be broken up into three main
functions as denoted in the colored dotted areas above: RF/IF diplexing
(blue), IF amplifier matching (green), and dc biasing (purple). There are
various placeholders for chip components in the circuit schematic so that
a common PCB can be used for all WJ dual-branch converters. Further
details are given in the Application Note located on the website titled
“CV2xx Series - PWB Design Guidelines”.
External Diplexer: In a downconversion application, the incoming RF
signal impinges on the switching elements of the mixer; the interaction
with these switches produces a signal at the IF frequency. The two
signals (RF and IF) are directed to the appropriate ports by the external
diplexer. A six-element diplexer is used in the circuit implementation.
IF Amplifier Matching:
The IF amplifier requires matching
elements to optimize the performance of the amplifier to the desired
IF center frequency. Since IF bandwidths are typically on the order
of 5 to 10%, a simple two element matching network, in the form of
either a high-pass or low-pass filter structure, is sufficient to match
the MMIC IF amplifier over these narrow bandwidths.
Proper
component values for other IF center frequencies can be provided by
emailing to applications.engineering@wj.com.
DC biasing: DC bias must be provided for the LO and IF amplifiers
in the converter. R1 sets the operating current for the last stage of the
LO amplifier and is chosen to optimize the mixer LO drive level.
Proper RF chokes and bypass capacitors are chosen for proper
amplifier biasing at the intended frequency of operation. The “+5 V”
dc bias should be supplied directly from a voltage regulator.
Printed Circuit Board Material:
.014” FR-4, 4 layers, .062” total thickness
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
14
IF Amp 2
IF Amp 1
LO Driver Amp
BIAS
GND
N/C
GND
LO
GND
N/C
N/C
GND
BIAS
GND
N/C
GND
N/C
RF/IF
RF/IF
LPF


Similar Part No. - CV210-2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV210-1AF WJCI-CV210-1AF Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV210-1APCB75 WJCI-CV210-1APCB75 Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
More results

Similar Description - CV210-2A

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
   Cellular-band Single-Branch Downconverter
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
CV211-3 ETC1-CV211-3 Datasheet
391Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
CV211-1A WJCI-CV211-1A Datasheet
313Kb / 6P
   PCS/DCS-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A_07 Datasheet
399Kb / 9P
   UMTS/WiMax-band Dual-Branch Downconverter
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com