Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASFX-9S-A191-F204 Datasheet(PDF) 6 Page - ITT Industries

Part # DASFX-9S-A191-F204
Description  Cannon Speedy D
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DASFX-9S-A191-F204 Datasheet(HTML) 6 Page - ITT Industries

  DASFX-9S-A191-F204 Datasheet HTML 1Page - ITT Industries DASFX-9S-A191-F204 Datasheet HTML 2Page - ITT Industries DASFX-9S-A191-F204 Datasheet HTML 3Page - ITT Industries DASFX-9S-A191-F204 Datasheet HTML 4Page - ITT Industries DASFX-9S-A191-F204 Datasheet HTML 5Page - ITT Industries DASFX-9S-A191-F204 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Cannon Speedy D
Panel cut-outs
7
Dimensions shown in mm
Specifications and dimensions subject to change.
www.ittcannon.com
C
D
10
°
A
B
E
10
°
D
A
B
C
E
0,81R
Front Mounting Cutout
Rear Mounting Cutout
Standard
R
F
Panel
Standard
float mount
Code Y
R
F
Panel
F – front mounting
R – rear mounting
mounting
A
B
C
D
rad. E
no. of contacts
±0,2
±0,2
±0,2
+0,1
±0,2
9
front
22,2
25,0
13,0
3,0
2,1
rear
20,5
25,0
11,4
3,0
3,4
15
front
30,5
33,3
13,0
3,0
3,4
rear
28,8
33,3
11,4
3,0
3,4
25
front
44,3
47,0
13,0
3,0
2,1
rear
42,5
47,0
11,4
3,0
3,4
37
front
60,7
63,5
13,0
3,0
2,1
rear
59,1
63,5
11,4
3,0
3,4
50
front
58,3
61,1
15,8
3,0
2,1
rear
56,3
61,1
14,9
3,0
3,4
float
A
B
C
D
rad. E
No. of contacts
mounting
±0,2
±0,2
±0,2
+0,1
±0,2
9
front
23,0
25,0
13,8
2,2
2,1
rear
21,3
25,0
12,2
2,2
3,4
15
front
31,3
33,3
13,8
2,2
2,1
rear
29,6
33,3
12,2
2,2
3,4
25
front
45,1
47,0
13,8
2,2
2,1
rear
43,3
47,0
12,2
2,2
3,4
37
front
61,5
63,5
13,8
2,2
2,1
rear
59,8
63,5
12,2
2,2
3,4
50
front
59,2
61,1
16,6
2,2
2,1
rear
57,1
61,1
14,9
2,2
3,4
Mounting


Similar Part No. - DASFX-9S-A191-F204

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DAS001 STMICROELECTRONICS-DAS001 Datasheet
54Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
Teledyne Technologies I...
DAS10241 TELEDYNE-DAS10241 Datasheet
500Kb / 2P
   1.0 TO 10.0 GHz HIGH-SPEED ANALOG DETECTOR
logo
Analog Devices
DAS1151 AD-DAS1151 Datasheet
1Mb / 4P
   LOW LEVEL INPUT 12 BIT DATA ACQUISITION MODULES
DAS1151 AD-DAS1151_15 Datasheet
1Mb / 4P
   LOW LEVEL INPUT 12 BIT DATA ACQUISITION MODULES
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
More results

Similar Description - DASFX-9S-A191-F204

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com