Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CV210-1A Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # CV210-1A
Description  Cellular-band Dual-Branch Downconverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV210-1A Datasheet(HTML) 5 Page - WJ Communication. Inc.

  CV210-1A Datasheet HTML 1Page - WJ Communication. Inc. CV210-1A Datasheet HTML 2Page - WJ Communication. Inc. CV210-1A Datasheet HTML 3Page - WJ Communication. Inc. CV210-1A Datasheet HTML 4Page - WJ Communication. Inc. CV210-1A Datasheet HTML 5Page - WJ Communication. Inc. CV210-1A Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj..com
Page 5 of 6 January 2006
CV210-1A
Cellular-band Dual-Branch Downconverter
Product Information
The Communications Edge
TM
CV210-1APCB75 Application Circuit Performance Plots (cont’d)
L-RIsolation vs LOFrequency
Referenced with LO= 0 dBm
0
5
10
15
20
25
30
35
650
700
750
800
850
900
LOFrequency (MHz)
-40° C
+25° C
+85° C
L-I Isolation vs LOFrequency
Referenced with LO= 0 dBm
15
20
25
30
35
40
650
700
750
800
850
900
LOFrequency (MHz)
-40° C
+25° C
+85° C
Branch-BranchIsolationvs RF Frequency
25° C
20
30
40
50
60
70
800
825
850
875
900
925
RFFrequency (MHz)
IFReturnLoss vs IFFrequency
25° C
0
5
10
15
20
25
30
65
70
75
80
85
IFFrequency (MHz)
RFReturnLoss vs RFFrequency
25° C
0
5
10
15
20
25
30
800
825
850
875
900
925
RFFrequency (MHz)
LOReturnLoss vs LOFrequency
25° C
0
5
10
15
20
25
30
700
725
750
775
800
825
850
875
LOFrequency (MHz)
Noise Figure vs Temperature
RF= 815 MHz, IF = 75 MHz, LO= 0 dBm@740 MHz
4
6
8
10
12
14
-40
-20
0
20406080
Temperature (°C)
Input P1dBvs Temperature
RF= 815 MHz, IF = 75 MHz, LO= 0 dBm@740 MHz
4
6
8
10
12
14
-40
-20
0
20406080
Temperature (°C)


Similar Part No. - CV210-1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
More results

Similar Description - CV210-1A

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
   Cellular-band Single-Branch Downconverter
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
CV211-3 ETC1-CV211-3 Datasheet
391Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
CV211-1A WJCI-CV211-1A Datasheet
313Kb / 6P
   PCS/DCS-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A_07 Datasheet
399Kb / 9P
   UMTS/WiMax-band Dual-Branch Downconverter
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com