Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT9277X0063D2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CT9277X0063D2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CT9277X0063D2 Datasheet(HTML) 3 Page - Vishay Siliconix

  CT9277X0063D2 Datasheet HTML 1Page - Vishay Siliconix CT9277X0063D2 Datasheet HTML 2Page - Vishay Siliconix CT9277X0063D2 Datasheet HTML 3Page - Vishay Siliconix CT9277X0063D2 Datasheet HTML 4Page - Vishay Siliconix CT9277X0063D2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 40054
Revision 20-Oct-03
www.vishay.com
64
738D, CT9 (CECC 30202-004)
Vishay Tansitor
For technical questions, contact eurowettant@vishay.com
738D STANDARD RATINGS
18
A
738D186X0025A2
6.9
10
1.0
1
2
-20
+10.5
+12
22
A
738D226X0025A2
6.9
10
1.0
1
2
-20
+10.5
+12
82
B
738D826X0025B2
20.6
10
1.0
1
10
-28
+13
+15
100
B
738D107X0025B2
25.1
10
1.0
1
10
-28
+13
+15
180
C
738D187X0025C2
42.2
10
1.0
2
18
-48
+13
+15
330
D
738D337X0025D2
27.2
10
1.0
7
28
-70
+25
+25
390
D
738D397X0025D2
31.8
10
1.0
7
28
-70
+25
+25
15
A
738D156X0030A2
7.5
10
1.0
1
2
-20
+10.5
+12
68
B
738D686X0030B2
25.6
10
1.0
1
8
-24
+13
+15
120
C
738D127X0030C2
24.4
10
1.0
2
17
-44
+13
+15
150
C
738D157X0030C2
37.7
10
1.0
2
18
-48
+13
+15
270
D
738D277X0030D2
27.2
10
1.0
8
32
-60
+25
+25
12
A
738D126X0040A2
6.7
10
1.0
1
2
-24
+8
+10
56
B
738D566X0040B2
21.1
10
1.0
1
9
-28
+13
+15
100
C
738D107X0040C2
15.7
10
1.0
2
17
-40
+13
+15
220
D
738D227X0040D2
25.0
10
1.0
8
32
-55
+25
+25
10
A
738D106X0050A2
5.7
10
1.0
1
2
-24
+8
+9
47
B
738D476X0050B2
17.7
10
1.0
1
9
-28
+12
+15
82
C
738D826X0050C2
20.6
10
1.0
2
16
-32
+12
+15
180
D
738D187X0050D2
23.7
10
1.0
8
32
-50
+25
+25
8.2
A
738D825X0063A2
4.1
10
1.0
1
2
-24
+8
+9
39
B
738D396X0063B2
17.2
10
1.0
1
9
-28
+10.5
+12
68
C
738D686X0063C2
25.6
10
1.0
2
16
-32
+10.5
+12
150
D
738D157X0063D2
23.6
10
1.0
8
32
-40
+20
+20
5.6
A
738D565X0075A2
3.4
10
1.0
1
2
-20
+8
+9
6.8
A
738D685X0075A2
3.4
10
1.0
1
2
-20
+8
+9
27
B
738D276X0075B2
11.8
10
1.0
1
9
-22
+11
+13
33
B
738D336X0075B2
14.5
10
1.0
1
10
-24
+15
+15
56
C
738D566X0075C2
21.8
10
1.0
2
17
-28
+15
+15
100
D
738D107X0075D2
19.5
10
1.0
9
36
-35
+20
+20
120
D
738D127X0075D2
23.3
10
1.0
9
36
-35
+20
+20
4.7
A
738D475X0100A2
2.9
30
3.0
1
2
-16
+7
+8
18
B
738D186X0100B2
7.8
15
1.5
1
8
-16
+7
+8
22
B
738D226X0100B2
9.7
15
1.5
1
9
-16
+7
+8
33
C
738D336X0100C2
9.3
15
1.0
2
15
-16
+7
+8
39
C
738D396X0100C2
14.7
15
1.0
2
17
-20
+7
+8
47
C
738D476X0100C2
17.7
15
1.0
2
17
-20
+7
+8
68
D
738D686X0100D2
13.7
15
1.5
9
36
-25
+15
+15
82
D
738D826X0100D2
16.4
15
1.5
9
36
-25
+15
+15
3.3
A
738D335X0125AR
3.4
30
3.0
1
2
-10
+7
+8
3.9
A
738D395X0125A2
3.4
30
3.0
1
2
-16
+7
+8
10
B
738D106X0125B2
9.4
15
1.5
1
5
-16
+7
+8
12
B
738D126X0125B2
8.3
15
1.5
1
6
-16
+7
+8
15
B
738D156X0125B2
11.2
15
1.5
1
7
-16
+7
+8
18
C
738D186X0125C2
10
15
1.0
2
9
-16
+7
+8
22
C
738D226X0125C2
12.1
15
1.0
2
11
-16
+7
+8
27
C
738D276X0125C2
16.7
15
1.0
2
13
-16
+7
+8
39
D
738D396X0125D2
7.5
15
1.5
10
40
-25
+15
+15
47
D
738D476X0125D2
9.2
15
1.5
10
40
-25
+15
+15
56
D
738D566X0125D2
14.2
15
1.5
10
40
-25
+15
+15
+ 125
°C
+ 85
°C
Max. CAPACITANCE
CHANGE (%) at
+ 85
°C
+ 125
°C
+ 20
°C
Max. IMP.
at - 55
°C
100 KHz
(Ohms)
Max. DF
at + 20
°C
(%)
PART NUMBER*
CASE
CODE
CAPACITANCE
(
µF)
- 55
°C
Max. DCL (
µA) at
Max. IMP.
at + 20
°C
100 KHz
(Ohms)
25 VDC at + 85
°C, 16 VDC at + 125°C, 13 VDC at + 175°C
30 VDC at + 85
°C, 19 VDC at + 125°C, 15 VDC at + 175°C
40 VDC at + 85
°C, 25 VDC at + 125°C, 20 VDC at + 175°C
50 VDC at + 85
°C, 32 VDC at + 125°C, 25 VDC at + 175°C
63 VDC at + 85
°C, 40 VDC at + 125°C, 32 VDC at + 175°C
75 VODC at + 85
°C, 50 VDC at + 125°C, 38 VDC at + 175°C
100 VDC at + 85
°C, 63 VDC at + 125°C, 50 VDC at + 175°C
125 VDC at + 85
°C, 80 VDC at + 125°C, 63 VDC at + 175°C
Wet Tantalum Capacitors
with Glass to Tantalum Hermetic Seal,
Sintered Anode TANTALEX
® Capacitors


Similar Part No. - CT9277X0063D2

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT920CYF CT-CT920CYF Datasheet
160Kb / 1P
   Power Inductors - Shielded
CT920CYF-100M CT-CT920CYF-100M Datasheet
160Kb / 1P
   Power Inductors - Shielded
CT920CYF-101M CT-CT920CYF-101M Datasheet
160Kb / 1P
   Power Inductors - Shielded
CT920CYF-120M CT-CT920CYF-120M Datasheet
160Kb / 1P
   Power Inductors - Shielded
CT920CYF-150M CT-CT920CYF-150M Datasheet
160Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CT9277X0063D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com