Electronic Components Datasheet Search |
|
NE18OA03B Datasheet(PDF) 1 Page - ITT Industries |
|
NE18OA03B Datasheet(HTML) 1 Page - ITT Industries |
1 / 9 page A–99 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com A C&K NE-18 Series Mains / Power Switches Features/Benefits • Chassis or panel mount • Various buttons • Various contact configurations • RoHS compliant Typical Applications • Mains/power switching • Consumer electronics • Audio equipment • Digital products Specifications POWER CONTACT: SWITCHING POWER MAX. AC/DC: NE18: 1500/100 W, NE18CTII: 1000/100 W; AC (Inductive cos w =0.6): NE18: 900W, NE18CTII: 600W. SWITCHING VOLTAGE MAX. AC/DC: 250/100V SWITCHING CURRENT MAX. AC/DC AC (Inductive cos w =0.6): NE18: 6 A2)4)/1 A, NE18CTII: 4 A2)/1 A INRUSH CURRENT MAX. AC1): NE18: 36 A, NE18CTII: 64 A DIELECTRIC STRENGTH (50 Hz, 1 min.): 2000 V OPERATING LIFE AT MAX. LOAD AND AT MAX. INRUSH CURRENT: ^104 operations5) CONTACT RESISTANCE: Initial: 50m Ω; After 104 operations: 70mΩ. INSULATION RESISTANCE: ^1012 Ωchassis – nearest contact; ^1012 Ωmains contact – mains contact; ^1012 Ωmains contact – mains contact after 104 operations. LOW VOLTAGE CONTACT: SWITCHING POWER MAX.: 12W SWITCHING VOLTAGE MAX.: 24V SWITCHING CURRENT MAX.: 0.5A TOTAL TRAVEL: 4.7mm (.185 inch) LATCHING TRAVEL: 3.3mm (.130 inch) OPERATING FORCE: Without auxiliary low voltage contacts: NE18: 7N (700 grams); NE18CTII: 9.5N (950 grams). With auxiliary low voltage contacts: NE18: 8N (800 grams); NE18CTII: 11N (1100 grams). SEALING: Dust proof. Materials HOUSING, ACTUATOR & TERMINAL BOARD: Thermoplastic polyester (UL 94V-0). MOVABLE CONTACT: Silver nickel alloy, silver plated. FIXED CONTACTS: Silver nickel alloy, silver plated. COMMON CONTACTS & TERMINALS: Copper alloy, silver plated. RETURN SPRING: Music wire. NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models arer RoHS compliant and compatible. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages A-100 thru A-106. For additional options not shown in catalog, consult Customer Service Center. If requesting only a switch, select the switch as noted below. Buttons are sold separately. Designation NE18 NE1B ZNE18 Cental mounted NE1B Single Station Chassis 01 With .094 mounting holes (NONE) No chassis 02 With 4-40 tapped mounting holes 03 Special chassis (consult factory) Dress nut* *Central mounted ZNE18 series only (NONE) No dress nut B Black C Chrome Mechanical Function OA Momentary EE Alternate (push-push) Contact Arrangement NE18 code # - see list |
Similar Part No. - NE18OA03B |
|
Similar Description - NE18OA03B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |