Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMDB1-21PS003L Datasheet(PDF) 10 Page - ITT Industries

Part # RMDB1-21PS003L
Description  Micro-D Plastic Shell - .050 Contact Spacing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDB1-21PS003L Datasheet(HTML) 10 Page - ITT Industries

Back Button RMDB1-21PS003L Datasheet HTML 3Page - ITT Industries RMDB1-21PS003L Datasheet HTML 4Page - ITT Industries RMDB1-21PS003L Datasheet HTML 5Page - ITT Industries RMDB1-21PS003L Datasheet HTML 6Page - ITT Industries RMDB1-21PS003L Datasheet HTML 7Page - ITT Industries RMDB1-21PS003L Datasheet HTML 8Page - ITT Industries RMDB1-21PS003L Datasheet HTML 9Page - ITT Industries RMDB1-21PS003L Datasheet HTML 10Page - ITT Industries RMDB1-21PS003L Datasheet HTML 11Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Plug
MD
Glass-filled Diallyl Phthalate
Plastic Insulator
MDV
Glass-filled Polyester
Plastic Insulator
Solder Pot
Solder Pot
Receptacle
.022 (0.56)
MAX.
.022 (0.56)
MAX.
.093 ± .005
(2.36 ± 0.13)
.093 ± .005
(2.36 ± 0.13)
A
A
E
E
.130
(3.30)
MAX.
.210
(5.33)
.204 (5.18)
MAX.
.185 (4.69)
MAX.
.375 (9.52)
MAX.
.356 (9.04)
MAX.
.065 (1.65)
MAX.
.065 (1.65)
MAX.
.170
(4.32)
.170
(4.32)
MAX.
D
D
B
B
C
C
PCB ordering information - page 30
SERIES-INSULATOR STYLE-MATERIAL
SERIES-INSULATOR STYLE-MATERIAL
MD - Clip mounting -Diallyl phthalate
MDV - Clip mounting-Polyester
H - Insulated solid or stranded wire
L - Uninsulated solid wire
S - Solder pot to accept #26 AWG max.
harness wire.
No designator - No hardware - standard mounting
.091 (2.31) hole diameter
Not available in clip mounting.
See page 79 and 81for additional codes.
*
**
(H) 001 - 18", 7/34 strand, #26 AWG,
MIL-W-16878/4, Type E Teflon, Yellow.
(H) 003 - 18", 7/34 strand, #26 AWG,
MIL-W-16878/4, Type E Teflon, color
coded to MIL-STD-681 System I.
(L) 1 - 1/2" uninsulated solid #25 AWG gold plated copper.
(L) 2 - 1" uninsulated solid #25 AWG gold plated copper.
1 - .050 (1.27) centers
9-15-21-25-31*-37-51. See page 7
P - Pin
S - Socket
CONTACT SPACING
CONTACT ARRANGEMENT
CONTACT TYPE
CONTACT SPACING
CONTACT ARRANGEMENT
CONTACT TYPE
TERMINATION TYPE
TERMINATION TYPE
TERMINATION CODE**
TERMINATION CODE
LOCKING HARDWARE
MD
1-
9
P
H
001
P
RoHS COMPLIANCE
R
37
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Micro-D Plastic Shell - .050" Contact Spacing
MD/MDV
Part Number by Shell Size
MD1-9P**
MD1-9S**
MD1-15P**
MD1-15S**
MD1-21P**
MD1-21S**
MD1-25P**
MD1-25S**
MD1-37P**
MD1-37S**
MD1-51P**
MD1-51S**
MDV1-9-P**
MDV1-9S**
MDV1-15P**
MDV1-15S**
MDV1-21P**
MDV1-21S**
MDV1-25P**
MDV1-25S**
MDV1-37P**
MDV1-37S**
MDV1-51P**
MDV1-51S**
A
Max.
B
Max.
C
Max.
D
Max.
E
Max.
Avg. Weight***
±5% (oz.)/±5% (gm.)
.512 (13.00)
.512 (13.00)
.662 (16.81)
.662 (16.81)
.812 (20.62)
.812 (20.62)
.912 (23.16)
.912 (23.16)
1.212 (30.78)
1.212 (30.78)
1.162 (29.51)
1.162 (29.51)
Add lead type and length, see Part Number Explanation.
Weight given is with 1/2", uninsulated solid #25 AWG gold plated copper pigtails.
**
***
.292 (7.42)
.376 (9.55)
.442 (11.23)
.526 (13.36)
.592 (15.04)
.676 (17.17)
.692 (17.58)
.776 (19.71)
.992 (25.20)
1.076 (27.33)
.942 (23.93)
1.026 (26.06)
.405 (10.29)
.405 (10.29)
.555 (14.10)
.555 (14.10)
.705 (17.91)
.705 (17.91)
.805 (20.45)
.805 (20.45)
1.105 (28.07)
1.105 (28.07)
1.055 (26.80)
1.055 (26.80)
.170 (4.32)
.170 (4.32)
.170 (4.32)
.170 (4.32)
.170 (4.32)
.170 (4.32)
.170 (4.32)
.170 (4.32)
.170 (4.32)
.170 (4.32)
.213 (5.41)
.213 (5.41)
.215 (5.46)
.215 (5.46)
.215 (5.46)
.215 (5.46)
.215 (5.46)
.215 (5.46)
.215 (5.46)
.215 (5.46)
.215 (5.46)
.215 (5.46)
.258 (6.55)
.258 (6.55)
.026 (0.73)
.026 (0.73)
.038 (1.10)
.035 (1.00)
.053 (1.50)
.050 (1.40)
.063 (1.80)
.056 (1.60)
.086 (2.45)
.076 (2.15)
.109 (3.10)
.093 (2.65)
How to Order
With Clip Mounting Slots


Similar Part No. - RMDB1-21PS003L

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDB1-21PS003L

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
Glenair, Inc.
MWDL-9P-4K1-18 GLENAIR-MWDL-9P-4K1-18 Datasheet
391Kb / 2P
   Micro-D Plastic Shell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com