Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPX2NA-67MPAW8P34A-33 Datasheet(PDF) 9 Page - ITT Industries

Part # DPX2NA-67MPAW8P34A-33
Description  Rack and Panel Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DPX2NA-67MPAW8P34A-33 Datasheet(HTML) 9 Page - ITT Industries

Back Button DPX2NA-67MPAW8P34A-33 Datasheet HTML 5Page - ITT Industries DPX2NA-67MPAW8P34A-33 Datasheet HTML 6Page - ITT Industries DPX2NA-67MPAW8P34A-33 Datasheet HTML 7Page - ITT Industries DPX2NA-67MPAW8P34A-33 Datasheet HTML 8Page - ITT Industries DPX2NA-67MPAW8P34A-33 Datasheet HTML 9Page - ITT Industries DPX2NA-67MPAW8P34A-33 Datasheet HTML 10Page - ITT Industries DPX2NA-67MPAW8P34A-33 Datasheet HTML 11Page - ITT Industries DPX2NA-67MPAW8P34A-33 Datasheet HTML 12Page - ITT Industries DPX2NA-67MPAW8P34A-33 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ittcannon.com
33.
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-81659 Rack and Panel Connectors
DPXNA/DPXNE
Coaxial Contact Data
Installation Data
1. Use basic tool M22520/5-01 with Y-211 die
(#995-0002-249) for crimping.
2. Use extraction tool No. CET-C8. An insertion tool
is not requried (See Note 5).
3. Center contact, rear insulator, crimp ring, support
bushing (not applicable to RG58/RG142 coax-
ials), seal sleeve, front insulator, shell and ferrule
are shipped unassembled in a common container.
Without Seal
Socket
Pin
Sealed
BUSHING
BUSHING
BRAID
FERRULE
.350
(8.89)
APPROX.
CRIMP AREA
FRONT INSULATOR
COAXIAL SHELL
.156 (3.96)
.146 (3.71)
CONTACT
REAR INSULATOR
.035 (0.89)
.030 (0.76)
Push ferrule under braid as far as it will go. Trim off braid extending beyond shoulder of ferrule, if necessary.
While holding ferrule in place pull crimp sleeve forward over braid untill it is tight against shoulder on ferrrule. Pull firmly
against face of ferrule to make sure it is up tight.
Trim dielectric to the .035 (0.89)/.030 (0.76) dimension.
Place front insulator over contact and then push assembly into coaxial shell.
Place parts in jaw of crimp tool. Locate jaws at start of chamber on crimp sleeve. Press sleeve firmly into coaxial shell and
crimp.
After assembled coaxial is inserted into connector, push suppurt bushing into grommet until shoulder rests on tubular
extension. Then pull sealing sleeve forward until it is snug on grommet.
A.
B.
C.
A.
B.
C.
Carefully push inner conductor through rear insulator.
While holding rear insulator firmly against ferrule, trim conductor to .156 (3.96)/.146 (3.91) dimension.
Place contact over conductor and solder.
A.
B.
C.
SEAL 2
SEAL 1
SEAL
4. Cable Assembly Instructions
Step 1 - If applicable determine which portion of
seal sleeve should be used. If Seal 2 is used, cut
off Seal 1 portion.
Step 2 - In sequence, place seal sleeve, support
bushing and crimp ring over cable jacket.
Step 3 - Trim cable per illustration.
Step 4 - Comb out braid and flare out ends to
permit entry of ferrule.
Step 5 - Complete termination per illustration.
5. To extract coaxial, push back seal sleeve and
support bushing. Slip cable into extraction tool
Push tool into insert until contacts coaxial retain-
ing shoulder. Grip both cable and tool with one
hand and pull coaxial rearward out of insert
cavity.
6. To facilitate extraction of contacts, the length of
free cable adjacent to the rear surface of the
connector should not be less than 2.000 (50.80).


Similar Part No. - DPX2NA-67MPAW8P34A-33

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPX2NA-67MPA106S-34B-00 ITT-DPX2NA-67MPA106S-34B-00 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPX2NA-67MPA106S-34B-01 ITT-DPX2NA-67MPA106S-34B-01 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPX2NA-67MPA106S-34B-23 ITT-DPX2NA-67MPA106S-34B-23 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results

Similar Description - DPX2NA-67MPAW8P34A-33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Vishay Siliconix
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
   Rack and Panel Connectors Side Mount
Revision: 08-Feb-07
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 15-Feb-07
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
   Rack and Panel Connectors Side Mount
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com