Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP12RD1APE Datasheet(PDF) 4 Page - ITT Industries

Part # EP12RD1APE
Description  Sealed Tiny Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

EP12RD1APE Datasheet(HTML) 4 Page - ITT Industries

  EP12RD1APE Datasheet HTML 1Page - ITT Industries EP12RD1APE Datasheet HTML 2Page - ITT Industries EP12RD1APE Datasheet HTML 3Page - ITT Industries EP12RD1APE Datasheet HTML 4Page - ITT Industries EP12RD1APE Datasheet HTML 5Page - ITT Industries EP12RD1APE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A–10
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A
C&K EP Series
Sealed Tiny Pushbutton Switches
TERMINATIONS
PC MOUNTING
PC MOUNTING
EP11 Models:
omit hole 2.
.410 MAX
(10,41)
.320
(8,13)
EP11 Models:
omit pad 2.
PC MOUNTING
SA
RIGHT ANGLE, SURFACE MOUNT
AV3
VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
AV
VERTICAL RIGHT ANGLE, THRU-HOLE
EP21SD1AVBE
DPST
EP12SD1AV3BE
SPST
EP12SD1SAPE
SPDT
NOTE: Terminal bend radii and lead-in manufacturing option.
Available with K and P contact materials only.
Not Available on DPST models.
SA1 is only available with B contact materials option + S plunger.
Not Available on DPST models.
EP11 Models:
omit terminal 2.
SMT
SA1
RIGHT ANGLE, SURFACE MOUNT
EP12SD1SA1BE
SPDT
PC MOUNTING


Similar Part No. - EP12RD1APE

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
EP12-12 BB-BATTERY-EP12-12 Datasheet
364Kb / 1P
   VRLA Rechargeable Battery
EP12-12FR BB-BATTERY-EP12-12FR Datasheet
364Kb / 1P
   VRLA Rechargeable Battery
EP12-12 BB-BATTERY-EP12-12_15 Datasheet
167Kb / 1P
   VRLA Rechargeable Battery
logo
Eorex Corporation
EP1201 EOREX-EP1201 Datasheet
386Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1201-W15R EOREX-EP1201-W15R Datasheet
386Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
More results

Similar Description - EP12RD1APE

ManufacturerPart #DatasheetDescription
logo
C&K Components
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
   Sealed Tiny Pushbutton Switches
5 Aug 20
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP12SD1CBE CK-COMPONENTS-EP12SD1CBE Datasheet
439Kb / 6P
   EP Series Sealed Tiny Pushbutton Switches
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
logo
ITT Industries
TP11SHZQE ITT-TP11SHZQE Datasheet
687Kb / 6P
   Tiny Pushbutton Switches
logo
C&K Components
TP21SH8CQE CK-COMPONENTS-TP21SH8CQE Datasheet
429Kb / 6P
   Tiny Pushbutton Switches
TP CK-COMPONENTS-TP_V01 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
5 Aug 20
TP11SHABE22 CK-COMPONENTS-TP11SHABE22 Datasheet
518Kb / 6P
   Tiny Pushbutton Switches
465805000 CK-COMPONENTS-465805000 Datasheet
528Kb / 7P
   TP Series Tiny Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com