Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74GTL2006PWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74GTL2006PWRG4
Description  13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL2006PWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74GTL2006PWRG4 Datasheet HTML 1Page - Texas Instruments SN74GTL2006PWRG4 Datasheet HTML 2Page - Texas Instruments SN74GTL2006PWRG4 Datasheet HTML 3Page - Texas Instruments SN74GTL2006PWRG4 Datasheet HTML 4Page - Texas Instruments SN74GTL2006PWRG4 Datasheet HTML 5Page - Texas Instruments SN74GTL2006PWRG4 Datasheet HTML 6Page - Texas Instruments SN74GTL2006PWRG4 Datasheet HTML 7Page - Texas Instruments SN74GTL2006PWRG4 Datasheet HTML 8Page - Texas Instruments SN74GTL2006PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN74GTL2006
13BIT GTL/GTL/GTL+ TO LVTTL TRANSLATOR
SCES619 – DECEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operates as GTL-/GTL/GTL+ to LVTTL or
LVTTL to GTL-/GTL/GTL+ Translator
D Series Termination on TTL Outputs of 30 W
D Latch-Up Testing to JEDEC Standard JESD
78 Exceeds 500 mA
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description
The SN74GTL2006 is a 13-bit translator to
interface between the 3.3-V LVTTL chipset I/O
and the Xeon
 processor GTL-/GTL/GTL+ I/O.
The device is designed for platform health
management in dual-processor applications.
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1
VREF
GTL reference voltage
2–6, 8,
10–13, 15
nAn
Data inputs/outputs (LVTTL)
7, 9, 16,
17–27
nBn
Data inputs/outputs (GTL−/GTL/GTL+)
14
GND
Ground (0 V)
28
VCC
Positive supply voltage
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
TSSOP − PW
Tube
SN74GTL2006PW
GK2006
−40
°C to 85°C
TSSOP − PW
Tape and reel
SN74GTL2006PWR
GK2006
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design,
guidelines are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PW PACKAGE
(TOP VIEW)
VREF
1AO
2AO
5A
6A
8AI
11BI
11A
9BI
3AO
4AO
10AI1
10AI2
GND
VCC
1BI
2BI
7BO1
7BO2
8BO
11BO
5BI
6BI
3BI
4BI
10BO1
10BO2
9AO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.


Similar Part No. - SN74GTL2006PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
More results

Similar Description - SN74GTL2006PWRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
   Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com