Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD1108 Datasheet(PDF) 17 Page - Summit Microelectronics, Inc.

Part # SMD1108
Description  8-Channel Auto-Monitor ADC In System Programmable Analog (ISPA) Device
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMD1108 Datasheet(HTML) 17 Page - Summit Microelectronics, Inc.

Back Button SMD1108 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 21Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17
2052 2.0 10/05/01
SMD1108
Preliminary
SUMMIT MICROELECTRONICS, Inc.
Table 18. Register 8C Reset Pulse Width and Timer Delays
Table 17. Register 8B Configuration
Register 8B controls the source for the ADC’s reference,
optional over-current trip values, and channel 3 vs. temp.
sense enable.
2052 Table17
2052 Table18 2.0
76
5
4
3
2
1
0
s
t
i
B
1
T
R
P0
T
R
P2
D
L1
D
L0
D
L2
D
W1
D
W0
D
Wn
o
i
t
c
n
u
F
xx
xxx
0
xx
d
e
l
b
a
s
i
d
r
e
m
i
t
g
o
d
h
c
t
a
W
10
0
s
m
0
0
4l
a
v
r
e
t
n
i
r
e
m
i
t
g
o
d
h
c
t
a
W
10
1
l
a
v
r
e
t
n
i
r
e
m
i
t
g
o
d
h
c
t
a
W
s
m
0
0
8
11
0
l
a
v
r
e
t
n
i
r
e
m
i
t
g
o
d
h
c
t
a
W
s
m
0
0
6
1
111
l
a
v
r
e
t
n
i
r
e
m
i
t
g
o
d
h
c
t
a
W
s
m
0
0
2
3
0
xxxxx
d
e
l
b
a
s
i
d
r
e
m
i
t
g
o
d
g
n
o
L
10
0
xxx
l
a
v
r
e
t
n
i
r
e
m
i
t
g
o
d
g
n
o
L
s
m
0
0
8
10
1
xxx
l
a
v
r
e
t
n
i
r
e
m
i
t
g
o
d
g
n
o
L
s
m
0
0
6
1
11
0
xxx
l
a
v
r
e
t
n
i
r
e
m
i
t
g
o
d
g
n
o
L
s
m
0
0
2
3
111
xxx
l
a
v
r
e
t
n
i
r
e
m
i
t
g
o
d
g
n
o
L
s
m
0
0
4
6
00
xxxxxx
l
a
v
r
e
t
n
i
t
e
s
e
R
s
m
5
2
01
xxxxxx
l
a
v
r
e
t
n
i
t
e
s
e
R
s
m
0
5
10
xxxxxx
l
a
v
r
e
t
n
i
t
e
s
e
R
s
m
0
0
1
11
xxxxxx
l
a
v
r
e
t
n
i
t
e
s
e
R
s
m
0
0
2
76
5
4
3
2
1
0
s
t
i
B
V
F
E
R
E
C
R
U
O
Sd
e
v
r
e
s
e
RS
TL
F
V
NC
OV
F
E
R
n
o
i
t
c
n
u
F
xx
x
x
x
x
x
0
V
F
E
R
V
8
4
0
.
2
=
1
V
F
E
R
V
0
0
5
.
2
=
0
xV
m
5
2
=
p
i
r
t
t
n
e
r
r
u
c
-
r
e
v
O
1
xV
m
0
5
=
p
i
r
t
t
n
e
r
r
u
c
-
r
e
v
O
0
xx
h
c
t
a
l
t
l
u
a
f
e
li
t
a
l
o
v
-
n
o
n
e
l
b
a
s
i
D
1
xx
h
c
t
a
l
t
l
u
a
f
e
li
t
a
l
o
v
-
n
o
n
e
l
b
a
n
E
0
xxx
r
o
s
n
e
s
p
m
e
t
e
l
b
a
s
i
D
1
xxx
)
3
l
e
n
n
a
h
C
.
s
v
(
r
o
s
n
e
s
p
m
e
t
e
l
b
a
n
E
0
xxxx
.
0
o
t
t
e
S
.
n
o
i
t
c
n
u
f
d
e
v
r
e
s
e
R
0
xxxxx
.
0
o
t
t
e
S
.
n
o
i
t
c
n
u
f
d
e
v
r
e
s
e
R
00
xxxxxx
d
e
t
a
r
e
n
e
g
y
ll
a
n
r
e
t
n
i
e
s
U
V
F
E
R
01
xxxxxx
d
e
v
r
e
s
e
R
10
xxxxxx
d
e
v
r
e
s
e
R
11
xxxxxx
e
s
U
V
F
E
R
t
u
p
n
i


Similar Part No. - SMD1108

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMD1102 SUMMIT-SMD1102 Datasheet
502Kb / 14P
   10-Bit Data Acquisition System for Autonomous Environmental Monitoring
SMD1103 SUMMIT-SMD1103 Datasheet
502Kb / 14P
   10-Bit Data Acquisition System for Autonomous Environmental Monitoring
SMD1103S SUMMIT-SMD1103S Datasheet
502Kb / 14P
   10-Bit Data Acquisition System for Autonomous Environmental Monitoring
logo
Chenmko Enterprise Co. ...
SMD110APT CHENMKO-SMD110APT Datasheet
258Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SMD110HE MCC-SMD110HE Datasheet
402Kb / 3P
   High surge forward current capability
More results

Similar Description - SMD1108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_15 Datasheet
1Mb / 46P
[Old version datasheet]   ADC System Monitor
logo
Lattice Semiconductor
ISPPAC20 LATTICE-ISPPAC20 Datasheet
489Kb / 32P
   In-System Programmable Analog Circuit
ISPPAC30 LATTICE-ISPPAC30 Datasheet
379Kb / 30P
   In-System Programmable Analog Circuit
PAC80 LATTICE-PAC80 Datasheet
342Kb / 19P
   In-System Programmable Analog Circuit
ISPPAC10 LATTICE-ISPPAC10 Datasheet
415Kb / 23P
   In-System Programmable Analog Circuit
ISPPAC81 LATTICE-ISPPAC81 Datasheet
176Kb / 20P
   In-System Programmable Analog Circuit
logo
Texas Instruments
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
[Old version datasheet]   Analog System Monitor and Controller
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
   In-System Programmable Power Supply Sequencing Controller and Monitor
logo
Texas Instruments
LMP92018 TI1-LMP92018 Datasheet
1Mb / 34P
[Old version datasheet]   Analog System Monitor and Controller
logo
Lattice Semiconductor
ISPPAC-POWR1208P1 LATTICE-ISPPAC-POWR1208P1 Datasheet
448Kb / 34P
   In-System Programmable Power Supply Sequencing Controller and Precision Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com