Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH312-S8G Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # AH312-S8G
Description  2 Watt, High Linearity InGaP HBT Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH312-S8G Datasheet(HTML) 7 Page - WJ Communication. Inc.

  AH312-S8G Datasheet HTML 1Page - WJ Communication. Inc. AH312-S8G Datasheet HTML 2Page - WJ Communication. Inc. AH312-S8G Datasheet HTML 3Page - WJ Communication. Inc. AH312-S8G Datasheet HTML 4Page - WJ Communication. Inc. AH312-S8G Datasheet HTML 5Page - WJ Communication. Inc. AH312-S8G Datasheet HTML 6Page - WJ Communication. Inc. AH312-S8G Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 7 of 7 March 2006
AH312
2 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
AH312-S8G (Lead-Free Package) Mechanical Information
This package is lead-free/green/RoHS-compliant. The plating material on the leads is NiPdAu. It is compatible with both lead-free
(maximum 260
°C reflow temperature) and lead (maximum 245 °C reflow temperature) soldering processes.
Outline Drawing
Mounting Configuration / Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
(1)
-40 to +85
°C
Thermal Resistance
(2), Rth
17.5
°C / W
Junction Temperature
(3), Tjc
155
°C
Notes:
1. The amplifier can be operated at 105
°C case temperature for up to 1000
hours over its lifetime without degradation in performance and will not
degrade device operation at the recommended maximum 85
°C case
temperature for the rest of its lifetime.
2. The thermal resistance is referenced from the junction-to-case at a case
temperature of 85
°C. Tjc is a function of the voltage at pins 6 and 7 and the
current applied to pins 6, 7, and 8 and can be calculated by:
Tjc = Tcase + Rth * Vcc * Icc
3. This corresponds to the typical biasing condition of +5V, 800 mA at an 85
°C
case temperature. A minimum MTTF of 1 million hours is achieved for
junction temperatures below 247
°C.
Product Marking
The component will be marked with an
“AH312G” designator with an alphanumeric lot
code on the top surface of the package.
The
obsoleted tin-lead version will have been marked
with an “AH312-S8” or “ECP200G” designator.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating:
Class 1B
Value:
Passes between 500 and 1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 2 at +260
°C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. A heatsink underneath the area of the PCB for the mounted device
is strictly required for proper thermal operation. Damage to the
device can occur without the use of one.
2. Ground / thermal vias are critical for the proper performance of this
device. Vias should use a .35mm (#80 / .0135”) diameter drill and
have a final plated thru diameter of .25 mm (.010”).
3. Add as much copper as possible to inner and outer layers near the
part to ensure optimal thermal performance.
4. Mounting screws can be added near the part to fasten the board to a
heatsink. Ensure that the ground / thermal via region contacts the
heatsink.
5. Do not put solder mask on the backside of the PC board in the
region where the board contacts the heatsink.
6. RF trace width depends upon the PC board material and
construction.
7. Use 1 oz. Copper minimum.
8. All dimensions are in millimeters (inches). Angles are in degrees.
MTTFvs. GNDTabTemperature
100
1000
10000
100000
60
70
80
90
100
110
120
TabTemperature(°C)


Similar Part No. - AH312-S8G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH312-S8G WJCI-AH312-S8G Datasheet
861Kb / 9P
   2 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH312-S8G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP203 WJCI-ECP203 Datasheet
194Kb / 3P
   2 Watt, High Linearity InGaP HBT Amplifier
ECP200D WJCI-ECP200D Datasheet
319Kb / 6P
   2 Watt, High Linearity InGaP HBT Amplifier
AH312-RFID WJCI-AH312-RFID Datasheet
861Kb / 9P
   2 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP050D WJCI-ECP050D Datasheet
489Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP052 WJCI-ECP052 Datasheet
225Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
ECP053 WJCI-ECP053 Datasheet
146Kb / 3P
   1/2 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com