Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR755FR2H6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STR755FR2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FR2H6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STR755FR2H6 Datasheet HTML 4Page - STMicroelectronics STR755FR2H6 Datasheet HTML 5Page - STMicroelectronics STR755FR2H6 Datasheet HTML 6Page - STMicroelectronics STR755FR2H6 Datasheet HTML 7Page - STMicroelectronics STR755FR2H6 Datasheet HTML 8Page - STMicroelectronics STR755FR2H6 Datasheet HTML 9Page - STMicroelectronics STR755FR2H6 Datasheet HTML 10Page - STMicroelectronics STR755FR2H6 Datasheet HTML 11Page - STMicroelectronics STR755FR2H6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
Introduction
STR750F
8/71
Timebase Timer (TB)
The timebase timer is based on a 16-bit auto-reload counter and not connected to the I/O
pins. It can be used for software triggering, or to implement the scheduler of a real time
operating system.
Synchronizable Standard Timers (TIM2:0)
The three standard timers are based on a 16-bit auto-reload counter and feature up to 2
input captures and 2 output compares (for external triggering or time base / time out
management). They can work together with the PWM timer via the Timer Link feature for
synchronization or event chaining. In reset state, timer Alternate Function I/Os are
connected to the same
I/O ports in both 64-pin and 100-pin devices. To optimize timer functions in 64-pin devices,
timer Alternate Function I/Os can be connected, or “remapped”, to other I/O ports as
summarized in Table 2 and detailed in Table 5. This remapping is done by the application via
a control register.
Any of the standard timers can be used to generate PWM outputs. One timer (TIM0) is
mapped to a DMA channel.
Motor Control PWM timer (PWM)
The Motor Control PWM Timer (PWM) can be seen as a three-phase PWM multiplexed on 6
channels. The 16-bit PWM generator has full modulation capability (0...100%), edge or
centre-aligned patterns and supports dead-time insertion. It has many features in common
with the standard TIM timers which has the same architecture and it can work together with
the TIM timers via the Timer Link feature for synchronization or event chaining.The PWM
timer is mapped to a DMA channel.
I²C bus
The I²C bus interface can operate in multi-master and slave mode. It can support standard
and fast modes (up to 400KHz).
Table 2. Standard timer alternate function I/Os
Standard Timer Functions
Number of Alternate Function I/Os
100-pin
package
64-pin package
Default mapping
Remapped
TIM 0
Input Capture
2
1
2
Output Compare/PWM
2
1
2
TIM 1
Input Capture
2
1
1
Output Compare/PWM
2
1
1
TIM 2
Input Capture
2
2
2
Output Compare/PWM
2
1
2


Similar Part No. - STR755FR2H6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR755FR2H6 STMICROELECTRONICS-STR755FR2H6 Datasheet
1Mb / 81P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR755FR2H6 STMICROELECTRONICS-STR755FR2H6 Datasheet
2Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR755FR2H6 STMICROELECTRONICS-STR755FR2H6 Datasheet
1Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
More results

Similar Description - STR755FR2H6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR750FXX STMICROELECTRONICS-STR750FXX_1 Datasheet
2Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR750FXX STMICROELECTRONICS-STR750FXX Datasheet
1Mb / 81P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR750FXX STMICROELECTRONICS-STR750FXX_09 Datasheet
1Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR73XFXX STMICROELECTRONICS-STR73XFXX Datasheet
1Mb / 52P
   ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com