Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR755FR2T6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STR755FR2T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FR2T6 Datasheet(HTML) 4 Page - STMicroelectronics

  STR755FR2T6 Datasheet HTML 1Page - STMicroelectronics STR755FR2T6 Datasheet HTML 2Page - STMicroelectronics STR755FR2T6 Datasheet HTML 3Page - STMicroelectronics STR755FR2T6 Datasheet HTML 4Page - STMicroelectronics STR755FR2T6 Datasheet HTML 5Page - STMicroelectronics STR755FR2T6 Datasheet HTML 6Page - STMicroelectronics STR755FR2T6 Datasheet HTML 7Page - STMicroelectronics STR755FR2T6 Datasheet HTML 8Page - STMicroelectronics STR755FR2T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
Introduction
STR750F
4/71
1
Introduction
This Datasheet contains the description of the STR750 family features, pinout, Electrical
Characteristics, Mechanical Data and Ordering information.
For complete information on the Microcontroller memory, registers and peripherals. Please
refer to the STR750 Reference Manual.
For information on the ARM7TDMI-S core please refer to the ARM7TDMI-S Technical
Reference Manual available from Arm Ltd.
For information on programming, erasing and protection of the internal Flash memory
please refer to the STR7 Flash Programming Reference Manual
For information on third-party development tools, please refer to the http://www.st.com/mcu
website.
Table 1.
Device summary
Features
STR755FRx
STR751FRx
STR752FRx
STR755FVx STR750FVx
Flash - Bank 0
(bytes)
64K/128K/256K
Flash - Bank 1
(bytes)
16K RWW
RAM (bytes)
16K
Operating Temp.
-40 to +85°C / -40 to +105°C (see Table 44)
Common Peripherals
3 UARTs, 2 SSPs, 1 I2C, 3 timers 1 PWM timer,
38 I/Os 13 Wake-up lines, 11 A/D Channels
3 UARTs, 2 SSPs, 1 I2C,
3 timers 1 PWM timer, 72
I/Os 15 Wake-up lines, 16
A/D Channels
USB/CAN
peripherals
None
USB
CAN
None
USB+CAN
Operating Voltage
3.3V or 5V
3.3V
3.3V or 5V
Packages (x)
T=LQFP64 10x10, H=LFBGA64
T=LQFP100 14x14,
H=LFBGA100


Similar Part No. - STR755FR2T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR755FR2T6 STMICROELECTRONICS-STR755FR2T6 Datasheet
1Mb / 81P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR755FR2T6 STMICROELECTRONICS-STR755FR2T6 Datasheet
2Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR755FR2T6 STMICROELECTRONICS-STR755FR2T6 Datasheet
1Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
More results

Similar Description - STR755FR2T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR750FXX STMICROELECTRONICS-STR750FXX_1 Datasheet
2Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR750FXX STMICROELECTRONICS-STR750FXX Datasheet
1Mb / 81P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR750FXX STMICROELECTRONICS-STR750FXX_09 Datasheet
1Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR73XFXX STMICROELECTRONICS-STR73XFXX Datasheet
1Mb / 52P
   ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com