Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

WED8L24514V Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part No. WED8L24514V
Description  Asynchronous SRAM, 3.3V, 512Kx24
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEDC [White Electronic Designs Corporation]
Homepage  http://www.whiteedc.com
Logo 

WED8L24514V Datasheet(HTML) 3 Page - White Electronic Designs Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
White Electronic Designs Corporation • (508) 366-5151 • www.whiteedc.com
WED8L24514V
AC CHARACTERISTICS READ CYCLE
Symbol
10ns
12ns
15ns
Parameter
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Units
Read Cycle Time
tAVAV
tRC
10
12
15
ns
Address Access Time
tAVQV
tAA
10
12
15
ns
Chip Enable Access Time
tELQV
tACS
10
12
15
ns
Chip Enable to Output in Low Z1
tELQX
tCLZ
33
3
ns
Chip Disable to Output in High Z1
tEHQZ
tCHZ
56
7
ns
Output Hold from Address Change
tAVQX
tOH
33
3
ns
Output Enable to Output Valid
tGLQV
tOE
56
7
ns
Output Enable to Output in Low Z1
tGLQX
tOLZ
00
0
ns
Output Disable to Output in High Z1
tGHQZ
tOHZ
56
7
ns
FIG. 4 READ CYCLE 1 - W HIGH, G, E LOW
FIG. 5 READ CYCLE 2 - W HIGH
A
Q
tAVQV
tELQV
tGLQV
tELQX
tGLQX
tAVAV
tEHQZ
tGHQZ
G
E
A
Q
tAVQX
tAVQV
tAVAV
DATA 2
ADDRESS 1
ADDRESS 2
DATA 1
NOTE 1: Parameter is guaranteed, but not tested.


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WED8L24513VAsynchronous SRAM 3.3V 512Kx24 1 2 3 4 5 MoreWhite Electronic Designs Corporation
WED8L24257VAsynchronous SRAM 3.3V 256Kx24 1 2 3 4 5 MoreWhite Electronic Designs Corporation
WED8L24258VAsynchronous SRAM 3.3V 256Kx24 1 2 3 4 5 White Electronic Designs Corporation
M48Z129Y3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM 1 2 3 4 5 MoreSTMicroelectronics
AS7C10255V/3.3V 128K x8 CMOS SRAM Revolutionary pinout 1 2 3 4 5 MoreAlliance Semiconductor Corporation
IC61LV641664K x 16 Hight Speed SRAM with 3.3V 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
WS512K32NBV-15G2512Kx32 3.3V SRAM MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AS7C5135V/3.3V 32Kx6 CMOS SRAM 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C331MNTF18A3.3V 1M x 18 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C3364NTF32B3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn