Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

WED8L24258V Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part No. WED8L24258V
Description  Asynchronous SRAM, 3.3V, 256Kx24
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEDC [White Electronic Designs Corporation]
Homepage  http://www.whiteedc.com
Logo 

WED8L24258V Datasheet(HTML) 3 Page - White Electronic Designs Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
White Electronic Designs Corporation • (508) 366-5151 • www.whiteedc.com
July 2002 Rev. 0A
ECO #15432
WED8L24258V
AC CHARACTERISTICS READ CYCLE
Symbol
10ns
12ns
15ns
Parameter
JEDEC
Alt.
Min Max
Min Max
Min Max
Units
Read Cycle Time
TAVAV
TRC
1012
15
ns
AddressAccess Time
TAVQV
TAA
1012
15
ns
Chip EnableAccess Time
TELQV
TACS
1012
15
ns
Chip Enable to Output in Low Z (1)
TELQX
TCLZ
3
3
3
ns
Chip Disable to Output in High Z (1)
TEHQZ
TCHZ
5
6
7
ns
Output Hold fromAddress Change
TAVQX
TOH
3
3
3
ns
Output Enable to Output Valid
TGLQV
TOE
5
6
7
ns
Output Enable to Output in Low Z (1)
TGLQX
TOLZ
00 0
ns
Output Disable to Output in High Z(1)
TGHQZ
TOHZ
5
6
7
ns
FIG. 4 READCYCLE1-WHIGH,G,ELOW
FIG. 5 READCYCLE2-WHIGH
A
Q
tAVQV
tELQV
tGLQV
tELQX
tGLQX
tAVAV
tEHQZ
tGHQZ
G
E
A
Q
tAVQX
tAVQV
tAVAV
DATA 2
ADDRESS 1
ADDRESS 2
DATA 1
NOTE 1: Parameter is guaranteed, but not tested.


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WED8L24257VAsynchronous SRAM 3.3V 256Kx24 1 2 3 4 5 MoreWhite Electronic Designs Corporation
WED8L24513VAsynchronous SRAM 3.3V 512Kx24 1 2 3 4 5 MoreWhite Electronic Designs Corporation
M48T251Y5.0 or 3.3V 4096K TIMEKEEPER SRAM with PHANTOM 1 2 3 4 5 MoreSTMicroelectronics
AS7C1024A5V/3.3V 128KX8 CMOS SRAM Evolutionary Pinout 1 2 3 4 5 MoreAlliance Semiconductor Corporation
DS1270W3.3V 16Mb Nonvolatile SRAM 1 2 3 4 5 MoreMaxim Integrated Products
AS7C33128PFS32A3.3V 128K X 32/36 pipeline burst synchronous SRAM 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C331MNTD32A3.3V 1M x 32/36 Pipelined SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C3364NTD32B3.3V 64K x 32/36 Pipelined SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C33128NTF32B3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C33512NTD18A3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn