Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E103J1AV2K322 Datasheet(PDF) 1 Page - ITT Industries

Part # E103J1AV2K322
Description  Sealed Miniature Rocker and Lever Handle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E103J1AV2K322 Datasheet(HTML) 1 Page - ITT Industries

  E103J1AV2K322 Datasheet HTML 1Page - ITT Industries E103J1AV2K322 Datasheet HTML 2Page - ITT Industries E103J1AV2K322 Datasheet HTML 3Page - ITT Industries E103J1AV2K322 Datasheet HTML 4Page - ITT Industries E103J1AV2K322 Datasheet HTML 5Page - ITT Industries E103J1AV2K322 Datasheet HTML 6Page - ITT Industries E103J1AV2K322 Datasheet HTML 7Page - ITT Industries E103J1AV2K322 Datasheet HTML 8Page - ITT Industries E103J1AV2K322 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K E Series
Sealed Miniature Rocker and Lever Handle Switches
Models Available
Features/Benefits
Sealed against solder and cleaning
process contaminants
ESD Resistance—all actuator options
Rocker, case & bushing UL 94V-0
RoUS compliant
Typical Applications
Telecommunications
Instrumentation
Computers & peripherals
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or
DC max. Q contact material (E1XX & E2XX Models): 7.5 AMPS
@125 V AC or 28 V DC; 3 AMPS @ 250 V AC. (E3XX Models):
5 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC.
See page H-37 for additional ratings.
ELECTRICAL LIFE: E1XX and E2XX models: 40,000 make-and-break
cycles at full load. E3XX models: 30,000 cycles.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
ELECTROSTATIC DISCHARGE (ESD) OPTION: All actuator
options: 15,000 V DC max. @ sea level, actuator to terminals.
DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
Materials
CASE & BUSHING: Glass filled nylon 6/6, flame retardant, heat
stabilized (UL 94V-0).
ACTUATOR: Nylon, black standard, internal o-ring seal standard
with all actuators.
FRAME: Spring steel, black standard.
SWITCH SUPPORT: Brass or steel, matte-tin plated.
ACTUATOR PIVOT & MOUNTING BRACKET: Nylon.
ACTUATOR PIVOT RETAINER: Stainless steel.
CONTACTS & TERMINALS: B contact material: Copper alloy, with gold
plate over nickel plate. Q contact material: Copper alloy, silver
plated. See page H-37 for additional contact materials.
TERMINAL SEAL: Epoxy.
HARDWARE: Nut, Screw & Lockwasher: Stainless steel.
Standoff: Nylon standard, aluminum available, consult Customer
Service Center.
NOTE: Any models supplied with Q, B, G, S P & R contact material are RoHS compliant. For
the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages H-26 through H-39. For additional options not shown in catalog, consult Customer Service Center. All
models are process sealed to withstand machine soldering temperatures and pressure wash cleaning methods.
Switch Function
E101 SP On-None-On
E103 SP On-Off-On
E105 SP Mom.-Off-Mom.
E107 SP On-Off-Mom.
E108 SP On-None-Mom.
E201 DP On-None-On
E203 DP On-Off-On
E205 DP Mom.-Off-Mom.
E207 DP On-Off-Mom.
E208 DP On-None-Mom.
E211 DP On-On-On
E213 DP On-On-Mom.
E215 DP Mom.-On-Mom.
E301 3P On-None-On
Actuator
J1 .531 long rocker
J2 Lever
J3 .906" long rocker
J11 Rocker with frame
J21 Lever with frame
J50 .362" long rocker
J60 Lever
J90 Lever
Terminations
A
Right angle, PC thru-hole
AV2 Vertical right angle, PC thru-hole
C
PC Thru-hole
Z
Solder lug
A3
Right angle, snap-in, PC thru-hole
AV3 Vertical right angle, snap-in, PC thru-hole
V3
.460" high, V-bracket
V4
.630" high, V-bracket
V5
Vertical right angle, PC thru-hole
V6
.460" high, V-bracket
V7
.630" high, V-bracket
V8
.953" high, V-bracket
V21 .555" high, V-bracket, snap-in
V31 .460" high, V-bracket, snap-in
Contact Material
B Gold
K Gold, tin-lead
P Gold, matte tin
Q Silver
M Silver, tin-lead
S Silver, matte-tin
G Gold over silver
L
Gold over silver, tin-lead
R Gold over silver, matte-tin
Seal
E Epoxy
Actuator Color
2 Black
3 Red
Frame Color
2 Black
NONE No frame color required
Metal Frame Color
(J11, J21 Actuators)
2 Black
H–26


Similar Part No. - E103J1AV2K322

ManufacturerPart #DatasheetDescription
logo
C&K Components
E103J1AE222 CK-COMPONENTS-E103J1AE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results

Similar Description - E103J1AV2K322

ManufacturerPart #DatasheetDescription
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E105J1ABE2 CK-COMPONENTS-E105J1ABE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E101J1V3BE2 CK-COMPONENTS-E101J1V3BE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U11J26ZQE22 CK-COMPONENTS-U11J26ZQE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com