Electronic Components Datasheet Search |
|
PDTB123YK Datasheet(PDF) 8 Page - NXP Semiconductors |
|
PDTB123YK Datasheet(HTML) 8 Page - NXP Semiconductors |
8 / 12 page 8 Integrated discrete MOSFET drivers combine several discrete products into one package to offer MOSFET driving functionality.With a choice of configurations Philips offers solutions to take load from the driving circuit, improve the efficiency of the MOSFET and enable design flexibility. Key features - Complete MOSFET driving functionality in one package - Several configurations available MOSFET drivers Key benefits - Improved MOSFET efficiency by • Minimizing rise and fall time • Fast gate (dis-)charge of the driven MOSFET - Takes load from the driving circuit and thus minimizes the IC power dissipation - More design flexibility: the control IC and the MOSFET do not have to be placed as close as possible anymore - Cost-effective alternative to IC-solutions Key applications - MOSFET driver - Bipolar power transistor driver - Push-pull driver SOT457 (SC-74) SOT346 (SC-59A) SOT457 (SC-74) SOT457 (SC-74) Configuration bra837 Tr1 Tr3 D1 Tr2 1 6 4 5 2 3 bra838 3 1 2 Tr1 D1 bra839 3 1 2 D1 Tr1 D1 R2 R1 Rext Tr2 Tr1 6 1 2 4, 5 3 bra840 Tr1 Tr2 4 1 2, 3 5, 6 bra841 P tot max. 600 mW 250 mW 600 mW 600 mW Contains I C (A) I CM (A) R1 = R2 (kΩ) General purpose transistors 0.1 0.2 PMD9050D PMD4001K (NPN) - PMD9010D PMD5001K (PNP) 2.2 PMD9001D 4.7 PMD9002D 10 PMD9003D Switching transistors - reduced storage time 0.6 1.2 PMD4002K (NPN) PMD2001D PMD5002K (PNP) Low V CEsat (BISS) transistors - Low V CEsat, high hFE and IC 1.0 2.0 PMD4003K (NPN) PMD3001D PMD5003K (PNP) Release mid 2006 |
Similar Part No. - PDTB123YK |
|
Similar Description - PDTB123YK |